Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326 Datasheet(PDF) 2 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 2 Page - ams AG

  AS1326_04 Datasheet HTML 1Page - ams AG AS1326_04 Datasheet HTML 2Page - ams AG AS1326_04 Datasheet HTML 3Page - ams AG AS1326_04 Datasheet HTML 4Page - ams AG AS1326_04 Datasheet HTML 5Page - ams AG AS1326_04 Datasheet HTML 6Page - ams AG AS1326_04 Datasheet HTML 7Page - ams AG AS1326_04 Datasheet HTML 8Page - ams AG AS1326_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS1326
High Current, 0.8A DC-DC Step-Up Converters
www.austriamicrosystems.com
Revision 1.05
1 - 18
Datasheet
1 General Description
The AS1326A/AS1326B are high-efficiency, high cur-
rent, DC-DC step-up converters specifically designed for
battery-powered wireless applications. Low quiescent
supply current (65µA), high operating frequency (1MHz),
and minimal external component requirements make
these devices perfect for small hand-held applications.
Both devices use synchronous-rectified pulse-width
modulation (PWM) boost technology to generate 2.5 to
5.0V outputs from a wide range of inputs, such as 1 to 3
alkaline/NiCd/NiMH cells or a single lithium-ion (Li+)
cell. Automatic powersave operation significantly
improves efficiency at light-loads.
Continuous switching mode is available for applications
requiring constant-frequency operation at all load cur-
rents. PWM operation can also be synchronized to an
external clock to protect sensitive frequency bands in
communications equipment.
Analog soft-start and adjustable current limit permit opti-
mization of rush in current and external component size.
The AS1326A/AS1326B are available in a 10-pin TDFN
(3.0mm x 3.0mm) package.
Figure 1. AS1326 - Block Diagram
2 Key Features
!
Up to 800mA Output
!
Constant-Frequency (1MHz) Operation
!
Up to 96% Efficiency
!
Input Range: 0.7 to 5.0V
!
Fixed Output: 3.3V
!
Adjustable Output: 2.5 to 5.0V
!
PWM Synchronous-Rectified Technology
!
Logic-Controlled Shutdown: 0.1µA
!
Synchronizable Switching Frequency
(0.5 to 1.2MHz)
!
Adjustable Current Limit
!
Adjustable Soft-Start
!
10-pin TDFN (3.0mm x 3.0mm) Package
3 Applications
The devices are ideal for digital cordless phones. mobile
phones, wireless handsets, hand-held instruments,
PDAs, two-way pagers, and any battery-operated equip-
ment.
Table 1. Standard Products
Model
Input Signal Activation
AS1326A
Logic-Low On
AS1326B
Logic-High On
AS1326
+
–
Reference
Startup
Osc
Controller
On
Ref
GND
Rdy
1MHz Osc
En
CLK/SEL Mode
Osc
On
Q
D
En
Osc
Mode
FB
ISET
2.15V
IC Power
Undervoltage
Lockout
9
POUT
8
LX
7
PGND
2
REF
3
GND
6
CLK/SEL
4
FB
1
ISET
5
OUT
10
ON
10
ONN
1.25V
AS1326A
only
AS1326B
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com