Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326 Datasheet(PDF) 3 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 3 Page - ams AG

  AS1326 Datasheet HTML 1Page - ams AG AS1326 Datasheet HTML 2Page - ams AG AS1326 Datasheet HTML 3Page - ams AG AS1326 Datasheet HTML 4Page - ams AG AS1326 Datasheet HTML 5Page - ams AG AS1326 Datasheet HTML 6Page - ams AG AS1326 Datasheet HTML 7Page - ams AG AS1326 Datasheet HTML 8Page - ams AG AS1326 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
2 - 18
AS1326
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
ISET
N-Channel Current-Limit Control. For maximum current limit, connect to pin REF.
To reduce current, supply a voltage between pin REF and GND using a resistive
voltage-divider. If soft-start is desired, connect a capacitor from this pin to GND.
2REF
1.250V Internal Reference Bypass. Connect a 10nF ceramic bypass capacitor to
GND. Up to 50µA of external load current is allowed.
3GND
Ground. Connect this pin to PGND using a short trace. The exposed pad can be
used for this routing.
4FB
DC-DC Converter Feedback Input. To set fixed output voltage of +3.3V, connect
this pin to GND. For adjustable output of 2.5 to 5.0V, connect to a resistor-divider
network from pin OUT to GND. The set point for this pin is 1.24V.
5OUT
IC Power, Supplied from the Output. Bypass this pin to GND with a 330nF
ceramic capacitor, and connect to POUT with a 10
Ω series resistor (see Figure 19
on page 11).
6
CLK/SEL
Clock Input for the DC-DC Converter. This pin is also used to program the
operational mode as follows:
0 = Normal operation – the AS1326A operates at a fixed frequency, and switches
into automatic powersave operation if the load is minimized.
1 = Forced-PWM mode – the AS1326A operates in low-noise, constant-frequency
mode at all loads.
Clocked = Forced-PWM mode with the internal oscillator synchronized to this pin in
500 to 1200kHz range.
7PGND
N-Channel Power MOSFET Switch Source
8LX
Inductor Connection
9POUT
Power Output. P-channel synchronous rectifier source.
10
ONN
Enable Low (AS1326A only). Must be connected to GND for normal operation.
0 = The AS1326A is on.
1 = The AS1326A is off.
ON
Enable High (AS1326B only). Must be connected to OUT for normal operation.
0 = The AS1326B is off.
1 = The AS1326B is on.
11
NC
Exposed Pad. This pad is not connected internally. It can be used for ground
connection between GND and PGND.
AS1326A/
AS1326B
4
FB
3
GND
2
REF
1
ISET
6 CLK/SEL
7 PGND
9 POUT
10 ONN/ON
5
OUT
8 LX
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com