Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet(PDF) 2 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 2 Page - ams AG

  AS1331 Datasheet HTML 1Page - ams AG AS1331 Datasheet HTML 2Page - ams AG AS1331 Datasheet HTML 3Page - ams AG AS1331 Datasheet HTML 4Page - ams AG AS1331 Datasheet HTML 5Page - ams AG AS1331 Datasheet HTML 6Page - ams AG AS1331 Datasheet HTML 7Page - ams AG AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1331
300mA Buck-Boost Synchronous DC/DC Converters
www.austriamicrosystems.com/DC-DC_Buck-Boost/AS1331
Revision 1.04
1 - 16
Data sheet
1 General Description
This special device is a synchronous buck-boost DC/DC
converter which can handle input voltages above, below,
or equal to the output voltage.
Due to the internal structure of the AS1331 which is
working continuously through all operation modes this
device is ideal for dual or triple cell alkaline/NiCad/NiMH
as well as single cell Li-Ion battery applications.
Because of the implemented Power Save Mode, the
solution footprint and the component count is minimized
and also over a wide range of load currents a high
conversion efficiency is provided.
The device includes two N-channel MOSFET switches
and two P-channel switches. Also following features are
implemented: a quiescent current of typically 22µA
(ideal for battery power applications), a shutdown
current less than 1µA, current limiting, thermal shutdown
and output disconnect.
The AS1331 is available in a 10-pin 3x3mm TDFN
package with fixed and adjustable output voltage.
2 Key Features
!
Input Voltage Range: 1.8V to 5.5V
!
Output Voltages:
- Fixed: 2.5V, 3.0V, 3.3V
- Adjustable: 2.5V to 3.3V
!
Output Current: 300mA @ 3.3V
!
Up to 90% efficiency
!
Power Good
!
Output Disconnection in Shutdown
!
Automatic transition between Buck and Boost mode
!
Ultra Low Quiescent Current: 22µA, Shutdown Cur-
rent <1µA (Active Low)
!
Short-Circuit Protection
!
Low Battery detection
!
Over Temperature Protection
!
10-pin 3x3mm TDFN package
3 Applications
The AS1331 is an ideal solution for handheld
computers, handheld instruments, portable music
players and PDA’s. Two and three cell Alkaline, NiCd or
NiMH or single cell Li battery powered products.
Figure 1. AS1331 - Typical Application Diagram
1.8V to 5.5V
AS1331-AD
C2
22µF
R2
R1
On
Off
C1
10µF
PGND
3
SW2
2
VOUT
2.5V to 3.3V
6
EN
10
FB
5
VIN
1
VOUT
SW1
4
L1
6.8µH
8
LBO
7
LBI
GND
9
R3
Low Battery Detect
R4
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com