Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 2 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 2 Page - ams AG

  AS1339_04 Datasheet HTML 1Page - ams AG AS1339_04 Datasheet HTML 2Page - ams AG AS1339_04 Datasheet HTML 3Page - ams AG AS1339_04 Datasheet HTML 4Page - ams AG AS1339_04 Datasheet HTML 5Page - ams AG AS1339_04 Datasheet HTML 6Page - ams AG AS1339_04 Datasheet HTML 7Page - ams AG AS1339_04 Datasheet HTML 8Page - ams AG AS1339_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AS1339
650mA RF Step-Down DC-DC for PA , with two LDOs
www.austriamicrosystems.com/DC-DC_Step-Down/AS1339
Revision 1.05
1 - 25
Datasheet
1 General Description
The AS1339 is a high-frequency step-down converter
optimized for dynamically powering the power amplifier
(PA) in WCDMA or NCDMA handsets. The device uses
a 110m
Ω typical bypass FET to power the PA directly
from the battery during high-power transmission. The IC
integrates two 10mA low-noise, low-dropout regulators
(LDOs) for PA biasing.
With a switching frequency of 2MHz, the device allows
optimization for smallest solution size or highest
efficiency. The AS1339 supports fast switching using
small ceramic 10μF input and 4.7µF output capacitors to
maintain low ripple voltage.
The AS1339 uses an analog input driven by an external
DAC to control the output voltage linearly for continuous
PA power adjustment. The gain from REFIN to OUT is
2.5V/V. At high-duty cycle, the device automatically
switches to a bypass mode, connecting the input to the
output through a low-impedance MOSFET. The LDOs
are designed for low-noise operation, wherein each LDO
in the device is individually enabled through its own logic
control interface. The device is available in a 16-pin
WLP (2x2mm) package.
Figure 1. AS1339 - Typical Operating Circuit
2 Key Features
!
Fixed Switching Frequency: 2MHz
!
PA Step-Down Converter
!
Low Dropout Voltage
!
Low Output-Voltage Ripple
!
Dynamic Output Voltage Control (0.8V to 3.75V)
!
30µs Settling Time for 0.8V to 3.4V Output Voltage
Change
!
650mA Output Drive Capability
!
Two 10mA Low-Noise LDOs
!
Low Shutdown Current
!
Supply Voltage Range: 2.7V to 5.5V
!
Thermal Shutdown
!
16-pin WLP (2x2mm) package
3 Applications
The AS1339 is ideal for WCDMA/NCDMA cellular
handsets, Wireless PDAs, and Smartphones.
LDO2 ON/OFF
LDO1 ON/OFF
Analog Control
PA ON/OFF
IN2
EN2
EN1
REFIN
PA_EN
IN1B
IN1A
PAB
PAA
LX
PGND
NC
LDO1
LDO2
2.85V
2.85V
VPA
0.8V to 3.75V
VIN
2.7V to 5.5V
4.7µF
10µF
VIN
2.7V to 5.5V
2.2µH
AS1339
AGND
0.1µF
0.1µF
1µF
TEST
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com