Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2701SLCC Datasheet(PDF) 1 Page - API Technologies Corp

Part # HC2701SLCC
Description  Carrier Precision Voltage References JEDEC- Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HC2701SLCC Datasheet(HTML) 1 Page - API Technologies Corp

  HC2701SLCC Datasheet HTML 1Page - API Technologies Corp HC2701SLCC Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165 Cedar Hill Street, Marlborough, MA 01752 Tel: 508.485.6350 Fax: 508.485.5168
www.satconelectronics.com
+10V, Ð
10V, and ± 10V Leadless Chip
Carrier Precision V oltage References
JED EC- Compatible
H C2700 LCC Series
FEA TURES
• 2700 Type Reference in
Standard LCC Packages
• JEDEC-Compatible 28 Pin
LCC Style Package
• +10, –10, + / –10V olt
Ranges
• New K elvin Sense
Connections
• Initial A ccuracy to 2.5mV
• Temp. Coefficients to 3ppm
• Short Circuit Protected
• Industrial and M il Temp.
Ranges
• Surface M ount and
RefIow-Solderable
A PPLICA TIONS
• High A ccuracy
A /D and D/A
Converters
• Precision Test and
M easurement Systems
• Calibration Standards
• High Resolution
Servo Systems
• Co-fired Ceramic Substrate
M ounting
• Single and M ultilayer M other
Board M ounting System
• Harsh M ilitary/A erospace
Enviroments Requiring Full
M il Processing
• M IL-STD-883 Compliant
DESCRIPTION
The new HC2700LCC Series packages the HC2700,
HC2701 and HC2702 in a 28 pin JEDEC compatible
leadless chip carrier. The HC2700LCC series com-
bines the standard features of the HC2700 series in
LCC packages with a new flexible pin out. This new
pin out offers, uncommitted feedback resistors and
zener ground points, which allows for K elvin sensing
at the output voltage and reference ground. This pro-
vides improved performance at greater distances
from the HC2700LCC. In addition, feedback resistors
and a resistor divider has been included in the LCC
substrate design, allowing any unique reference
voltage to be trimmed in accordance with your
specification. Piease contact the factory with your
special requirements.
STA NDA RD PA RT SELECTION GUIDE
Output
Initial
Temperature Range
Part Number
V oltage
A cc.M v
TC ppm/C
in ºC
HC2700JLCC
+10
+/–5.0
+/–10
–25 to 85
HC2700LLCC
+10
+/–2.5
+/–3
–25 to 85
HC2700SLCC
+10
+/-5.0
+/–3
–55 to 125
HC2700ULCC
+10
+/-2.5
+/–3
–55 to 125
HC2701JLCC
–10
+/-5.0
+/–10
–25 to 85
HC2701 LLCC
–10
+/-2.5
+/–3
–25 to 85
HC2701SLCC
–10
+/-5.0
+/–3
–55 to 125
HC2701 ULCC
–10
+/-2.5
+/–3
–55 to 125
HC2702JLCC
+10,–10
+/-5.0
+/–10
–25 to 85
HC2702LLCC
+10.–10
+/-2.5
+/–3
–25 to 85
HC2702SLCC
+10.–10
+/-5.0
+/–3
–55 to 125
HC2702ULCC
+10,–10
+/-2.5
+/–3
–55 to 125
For detailed specifications refer to HC2700 series data sheet.


Similar Part No. - HC2701SLCC

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HC2701 APITECH-HC2701 Datasheet
52Kb / 2P
Precision Voltage References
More results

Similar Description - HC2701SLCC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
Precision Analog Voltage References
August, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
Precision Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com