Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 7 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 7 Page - ams AG

Back Button AS1339 Datasheet HTML 3Page - ams AG AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1339
Revision 1.05
6 - 25
AS1339
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
System Characteristics
VIN1A = VIN1B = VIN2 = VPA_EN = VEN1 = VEN2 = 3.9V, TA = -40ºC to +85ºC. Typical values are at TA =+25ºC, (unless
otherwise specified), for external components refer to
Table 5 on page 7. The following parameters are verified by
characterisation and are not production tested.
fOSC
Internal Oscillator Frequency
1.8
2
2.2
MHz
BYPASS
Bypass Activation Factor
VREFIN rising, 50mV hysteresis
2.56
2.69
2.78
V/V
On-Resistance Bypass PFET
ISW = 200mA; TA = +25°C
110
200
m
Ω
ISW = 200mA
230
PFET Bypass Off-Leakage
Current
VIN
= 5.5V,
VPAA = VPAB = 0V
0.1
3
µA
LDO1/2
Output Voltage
IOUT = 0mA, 10mA;
2.75
2.85
2.95
V
Quiescent Current
one LDO enabled
IOUT = 0mA
25
50
µA
both LDOs enabled
40
80
Output Current
10
mA
Current Limit
VOUT = 0V
20
35
50
Dropout Voltage
3
IOUT = 10mA
20
50
mV
ROFF
Shutdown Output Impedance
VEN1/2 = 0V
100
Ω
1. Current into supply pins without leakage of DCDC switches.
2. Limited by the 50mV output voltage accuracy for VREFIN < 0.84V
3. The dropout voltage is the input to output difference at which the output is 100mV below its nominal value.
Table 4. System Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
REFIN
REFIN gain variation;
relative linearity
1
0.32V ≤ VREFIN ≤ 1.4V
3%
REFIN gain variation;
absolute linearity
2
0.84V ≤ VREFIN ≤ 1.4V
-2.4
2.4
%
0.32V ≤ VREFIN ≤ 0.84V
-50
±10
50
mV
LX
Ripple voltage, PWM mode
3
VOUT = 0.8 to 3.4V, RLOAD = 8
Ω, no
bypass mode, no pulse-skip condition
10
25
mVp-p
Line_tr Line transient response
VIN = 3.4 to 3.9V, VOUT = 3.0V,
IOUT = 300mA, VIN increase 300mV in
10µs
30
50
Load_tr Load transient response
VIN = 3.4 to 4.2V, VOUT = 3.0V,
TRISE = TFALL = 10µs, IOUT = 100 to
300mA
50
70
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com