Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1358 Datasheet(PDF) 2 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 2 Page - ams AG

  AS1358_04 Datasheet HTML 1Page - ams AG AS1358_04 Datasheet HTML 2Page - ams AG AS1358_04 Datasheet HTML 3Page - ams AG AS1358_04 Datasheet HTML 4Page - ams AG AS1358_04 Datasheet HTML 5Page - ams AG AS1358_04 Datasheet HTML 6Page - ams AG AS1358_04 Datasheet HTML 7Page - ams AG AS1358_04 Datasheet HTML 8Page - ams AG AS1358_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1358 / AS1359
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
www.austriamicrosystems.com
Revision 1.5
1 - 16
Datasheet
1 General Description
The AS1358 / AS1359 are ultra-low-noise, low-dropout linear
regulators specifically designed to deliver up to 150/300mA
continuous output current, and can achieve a low 140mV dropout for
300mA load current. The LDOs are designed and optimized to work
with low-cost, small-capacitance ceramic capacitors.
The devices are available as the standard products listed in Table 1.
An integrated P-channel MOSFET pass transistor allows the devices
to maintain extremely low quiescent current (40µA).
The AS1358 / AS1359 uses an advanced architecture to achieve
ultra-low output voltage noise of 9µVRMS and a power-supply
rejection-ratio of better than 80dB (up to 10kHz).
The AS1358 / AS1359 requires only 1µF output capacitor for stability
at any load. When the LDO is disabled, current consumption drops
below 500nA.
The devices are available in a TSOT23 5-pin package.
Figure 1. Typical Application Circuit
2 Key Features

Preset Output Voltages: 1.5V to 4.5V (in 50mV steps)

Output Noise: 9µVRMS @ 100Hz to 100kHz

Power-Supply Rejection Ratio: 92dB @ 1kHz

Low Dropout: 140mV @ 300mA Load

Stable with 1µF Ceramic Capacitor for any Load

Guaranteed 150mA / 300mA Output

1.25V Internal Reference

Extremely-Low Quiescent Current: 40µA

Excellent Load/Line Transient

Overcurrent and Thermal Protection

TSOT23 5-pin Package
3 Applications
The devices are ideal for mobile phones, wireless phones, PDAs,
handheld computers, mobile phone base stations, Bluetooth portable
radios and accessories, wireless LANs, digital cameras, personal
audio devices, and any other portable, battery-powered application.
Table 1. Standard Products
Model
Load Current
Output Voltage
AS1358
150mA
Preset – 1.5V to 4.5V
AS1359
300mA
Preset – 1.5V to 4.5V
AS1358 / AS1359
4
BYPASS
2
GND
1
IN
5
OUT
3
SHDNN
CIN
1µF
On
Off
Input
2V to 5.5V
COUT
1µF
Output
1.5V to 4.5V
CBYPASS
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com