Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 2 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 2 Page - ams AG

  AS1360_11 Datasheet HTML 1Page - ams AG AS1360_11 Datasheet HTML 2Page - ams AG AS1360_11 Datasheet HTML 3Page - ams AG AS1360_11 Datasheet HTML 4Page - ams AG AS1360_11 Datasheet HTML 5Page - ams AG AS1360_11 Datasheet HTML 6Page - ams AG AS1360_11 Datasheet HTML 7Page - ams AG AS1360_11 Datasheet HTML 8Page - ams AG AS1360_11 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A S 1 3 6 0
1 . 5 A L o w - P o w e r, P o s i t i v e Vo l t a g e R e g u l a t o r
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
1 - 13
D a t a s h e e t
1 General Description
The AS1360 low-power, positive voltage regulator was designed to
deliver up to 250mA while consuming only 1.5 A of quiescent cur-
rent. The device is available in fixed output voltages of 1.8, 2.1, 2.5,
3.0, 3.3, 4.0, 4.5 and 5.0V.
The device features integrated short-circuit and overcurrent protec-
tion.
The wide input voltage range, low-dropout voltage, and high-accu-
racy output voltage makes the device perfectly suited for 2- and 3-
cell battery-powered and portable applications.
The low dropout voltage (650mV) prolongs battery life and allows
high current in small applications when operated with minimum
input-to-output voltage differentials.
The device features very stable output voltage (using only 1 F tanta-
lum or aluminum-electrolytic capacitors), strict output voltage regula-
tion tolerances (±0.5%), and excellent line-regulation.
The AS1360 is available in a 3-pin SOT23 package.
Figure 1. AS1360 - Block Diagram
2 Key Features
Low Quiescent Current: 1.5 A
Input Voltage Range: Up to 20V
Low Dropout Voltage
- 250mV @ 100mA
- 400mV @ 200mA
Fixed Output Voltages: 1.8, 2.1, 2.5, 3.0, 3.3, 4.0, 4.5, 5.0V
High Output Current: 250mA (VOUT = 5.0V)
High-Accuracy Output Voltage: ±1.5%
Exceptional Line Regulation: 0.1%/V
Low Temperature Drift: ±100ppm/ºC
Integrated Short-Circuit and Overcurrent Protection
3-pin SOT23 Package
3 Applications
The device is ideal for mobile phones, PDAs, digital cameras, smart
battery packs, battery-powered alarms, solar-powered instruments,
intelligent instruments, CO2 and smoke detectors, CPU power sup-
plies, and any battery-powered application.
+
Short-Circuit
Protection
GND
1
3
VIN
2
VOUT
Voltage
Reference
AS1360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com