Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1355 Datasheet(PDF) 11 Page - ams AG

Part # AS1355
Description  300mA, Triple LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1355 Datasheet(HTML) 11 Page - ams AG

Back Button AS1355 Datasheet HTML 4Page - ams AG AS1355 Datasheet HTML 5Page - ams AG AS1355 Datasheet HTML 6Page - ams AG AS1355 Datasheet HTML 7Page - ams AG AS1355 Datasheet HTML 8Page - ams AG AS1355 Datasheet HTML 9Page - ams AG AS1355 Datasheet HTML 10Page - ams AG AS1355 Datasheet HTML 11Page - ams AG AS1355 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.ams.com/LDOs/AS1355
Revision 1.3
11 - 12
AS1355
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 4.
* These devices are available in factory-set output voltages from 1.25V to 3.6V in 100mV increments. Choose the desired VOUT suffix from
Table 5 and insert it instead of “xyz” in the part number.
On request also non-standard devices with output voltages between 1.25V and 3.6V in 50mV steps are available.
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1355-BQFT-WGD
ASSG
VOUT1 = 3.3V
300mA, Triple LDO
Tape and Reel
16-pin QFN 3x3
VOUT2 = 1.8V
VOUT3 = 1.5V
AS1355-BQFT-WWW
ASSV
VOUT1 = 3.3V
300mA, Triple LDO
Tape and Reel
16-pin QFN 3x3
VOUT2 = 3.3V
VOUT3 = 3.3V
AS1355-BQFT-WWD2
ASTD
VOUT1 = 3.3V
300mA, Triple LDO
Tape and Reel
16-pin TQFN 3x3
VOUT2 = 3.3V
VOUT3 = 1.5V
AS1355-BQFT-xyz*
____
VOUT1*
300mA, Triple LDO
Tape and Reel
16-pin QFN 3x3
VOUT2*
VOUT3*
Table 5. Output Voltage Suffix Guide
Suffix
Min
Typ
Max
Suffix
Min
Typ
Max
Suffix
Min
Typ
Max
A
1.25
J
2.1
S
3.0
B
1.3
K
2.2
T
3.1
C
1.4
L
2.3
V
3.2
D
1.5
M
2.4
W
3.3
E
1.6
N
2.5
X
3.4
F
1.7
O
2.6
Y
3.5
G
1.8
P
2.7
Z
3.6
H
1.9
Q
2.8
2
thin QFN
I
2.0
R
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com