Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 2 Page - ams AG

Part # AS1374
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 2 Page - ams AG

  AS1374_04 Datasheet HTML 1Page - ams AG AS1374_04 Datasheet HTML 2Page - ams AG AS1374_04 Datasheet HTML 3Page - ams AG AS1374_04 Datasheet HTML 4Page - ams AG AS1374_04 Datasheet HTML 5Page - ams AG AS1374_04 Datasheet HTML 6Page - ams AG AS1374_04 Datasheet HTML 7Page - ams AG AS1374_04 Datasheet HTML 8Page - ams AG AS1374_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS1374
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
Datasheet
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
1 - 18
1 General Description
The AS1374 is a low-noise, low-dropout linear regulator with two
separated outputs. Designed to deliver 200mA continuous output
current at each output pin, the LDOs can achieve a low 120mV
dropout for 200mA load current and are designed and optimized to
work with low-cost, small-capacitance ceramic capacitors.
An integrated P-channel MOSFET pass transistor allows the devices
to maintain extremely low quiescent current (30µA).
The AS1374 uses an advanced architecture to achieve ultra-low
output voltage noise of 20µVRMS and a power-supply rejection-ratio
of better than 85dB (@ 1kHz).
Two active-High enable pins allows to switch on or off each output
independently from each other.
The AS1374 requires only 1µF output capacitor for stability at any
load.
The device is available in a 6-bump WLP package.
Figure 1. AS1374 - Typical Application Circuit
2 Key Features

Preset Output Voltages: 1.2V to 3.6V (in 50mV steps)

Output Noise: 20µVRMS @ 100Hz to 100kHz

Power-Supply Rejection Ratio: 85dB @ 1kHz

Low Dropout: 120mV @ 200mA Load

Stable with 1µF Ceramic Capacitor for any Load

Guaranteed 200mA output

Pull-Down Option in Shutdown (factory set)

Extremely-Low Quiescent Current: 30µA

Excellent Load/Line Transient

Overcurrent and Thermal Protection

6-bump WLP Package
3 Applications
The devices are ideal for mobile phones, wireless phones, PDAs,
handheld computers, mobile phone base stations, Bluetooth portable
radios and accessories, wireless LANs, digital cameras, personal
audio devices, and any other portable, battery-powered application.
AS1374
5
GND
4
EN 2
2
VDD
3
OUT 1
6
EN 1
C1
1µF
Input
2V to 5.5V
Output1
1.2V to 3.6V
1
OUT 2
C2
1µF
C3
1µF
Output2
1.2V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com