Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710A-ASCT Datasheet(PDF) 19 Page - ams AG

Part # AS1710A-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710A-ASCT Datasheet(HTML) 19 Page - ams AG

Back Button AS1710A-ASCT Datasheet HTML 12Page - ams AG AS1710A-ASCT Datasheet HTML 13Page - ams AG AS1710A-ASCT Datasheet HTML 14Page - ams AG AS1710A-ASCT Datasheet HTML 15Page - ams AG AS1710A-ASCT Datasheet HTML 16Page - ams AG AS1710A-ASCT Datasheet HTML 17Page - ams AG AS1710A-ASCT Datasheet HTML 18Page - ams AG AS1710A-ASCT Datasheet HTML 19Page - ams AG AS1710A-ASCT Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
18 - 19
AS1710/AS1712
Datasheet
10 Ordering Information
The device is available as the standard products shown in Table 6.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 6. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1710A-ASCT
AAA
Single Op Amp with Shutdown
Tape and Reel
SC70-6
AS1710B-ASCT
AAB
Single Op Amp
Tape and Reel
SC70-5
AS1712A-AQFT
ASO8
Quad Op Amp with Shutdown
Tape and Reel
TQFN-16 (3x3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com