Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96PDB2V1 Datasheet(PDF) 182 Page - Microsemi Corporation

Part # IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Datasheet(HTML) 182 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 178Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 179Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 180Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 181Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 182Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 183Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 184Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 185Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 186Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 242 page
background image
Package Pin Assignments
4-10
Revision 13
PQ208
Pin
Number
A3PE3000L Function
1GND
2
GNDQ
3VMV7
4
GAB2/IO308PSB7V4
5
GAA2/IO309PDB7V4
6
IO309NDB7V4
7
GAC2/IO307PDB7V4
8
IO307NDB7V4
9
IO303PDB7V3
10
IO303NDB7V3
11
IO299PDB7V3
12
IO299NDB7V3
13
IO295PDB7V2
14
IO295NDB7V2
15
IO291PSB7V2
16
VCC
17
GND
18
VCCIB7
19
IO285PDB7V1
20
IO285NDB7V1
21
IO279PSB7V0
22
GFC1/IO275PSB7V0
23
GFB1/IO274PDB7V0
24
GFB0/IO274NDB7V0
25
VCOMPLF
26
GFA0/IO273NPB6V4
27
VCCPLF
28
GFA1/IO273PPB6V4
29
GND
30
GFA2/IO272PDB6V4
31
IO272NDB6V4
32
GFB2/IO271PPB6V4
33
GFC2/IO270PPB6V4
34
IO271NPB6V4
35
IO270NPB6V4
36
VCC
36
VCC
37
IO252PDB6V2
38
IO252NDB6V2
39
IO248PSB6V1
40
VCCIB6
41
GND
42
IO244PDB6V1
43
IO244NDB6V1
44
GEC1/IO236PDB6V0
45
GEC0/IO236NDB6V0
46
GEB1/IO235PPB6V0
47
GEA1/IO234PPB6V0
48
GEB0/IO235NPB6V0
49
GEA0/IO234NPB6V0
50
VMV6
51
GNDQ
52
GND
53
VMV5
54
GNDQ
55
IO233NDB5V4
56
GEA2/IO233PDB5V4
57
IO232NDB5V4
58
FF/GEB2/IO232PDB5V4
59
IO231NDB5V4
60
GEC2/IO231PDB5V4
61
IO230PSB5V4
62
VCCIB5
62
VCCIB5
63
IO218NDB5V3
64
IO218PDB5V3
65
GND
66
IO214PSB5V2
67
IO212NDB5V2
68
IO212PDB5V2
69
IO208NDB5V1
70
IO208PDB5V1
PQ208
Pin
Number
A3PE3000L Function
71
VCC
72
VCCIB5
73
IO202NDB5V1
74
IO202PDB5V1
75
IO198NDB5V0
76
IO198PDB5V0
77
IO197NDB5V0
78
IO197PDB5V0
79
IO194NDB5V0
80
IO194PDB5V0
81
GND
82
IO184NDB4V3
83
IO184PDB4V3
84
IO180NDB4V3
85
IO180PDB4V3
86
IO176NDB4V2
87
IO176PDB4V2
88
VCC
89
VCCIB4
90
IO170NDB4V2
91
IO170PDB4V2
92
IO166NDB4V1
93
IO166PDB4V1
94
IO156NDB4V0
95
GDC2/IO156PDB4V0
96
IO154NPB4V0
97
GND
98
GDB2/IO155PSB4V0
99
GDA2/IO154PPB4V0
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV4
105
GND
106
VPUMP
PQ208
Pin
Number
A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com