Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96PDB2V1 Datasheet(PDF) 183 Page - Microsemi Corporation

Part # IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Datasheet(HTML) 183 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 179Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 180Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 181Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 182Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 183Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 184Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 185Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 186Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 187Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
4-11
107
GNDQ
108
TDO
109
TRST
110
VJTAG
111
VMV3
112
GDA0/IO153NPB3V4
113
GDB0/IO152NPB3V4
114
GDA1/IO153PPB3V4
115
GDB1/IO152PPB3V4
116
GDC0/IO151NDB3V4
117
GDC1/IO151PDB3V4
118
IO134NDB3V2
119
IO134PDB3V2
120
IO132NDB3V2
121
IO132PDB3V2
122
GND
123
VCCIB3
124
GCC2/IO117PSB3V0
125
GCB2/IO116PSB3V0
126
NC
127
IO115NDB3V0
128
GCA2/IO115PDB3V0
129
GCA1/IO114PPB3V0
130
GND
131
VCCPLC
132
GCA0/IO114NPB3V0
133
VCOMPLC
134
GCB0/IO113NDB2V3
135
GCB1/IO113PDB2V3
136
GCC1/IO112PSB2V3
137
IO110NDB2V3
138
IO110PDB2V3
139
IO106PSB2V3
140
VCCIB2
141
GND
142
VCC
PQ208
Pin
Number
A3PE3000L Function
143
IO99NDB2V2
144
IO99PDB2V2
145
IO96NDB2V1
146
IO96PDB2V1
147
IO91NDB2V1
148
IO91PDB2V1
149
IO88NDB2V0
150
IO88PDB2V0
151
GBC2/IO84PSB2V0
152
GBA2/IO82PSB2V0
153
GBB2/IO83PSB2V0
154
VMV2
155
GNDQ
156
GND
157
VMV1
158
GNDQ
159
GBA1/IO81PDB1V4
160
GBA0/IO81NDB1V4
161
GBB1/IO80PDB1V4
162
GND
163
GBB0/IO80NDB1V4
164
GBC1/IO79PDB1V4
165
GBC0/IO79NDB1V4
166
IO74PDB1V4
167
IO74NDB1V4
168
IO70PDB1V3
169
IO70NDB1V3
170
VCCIB1
171
VCC
171
VCC
172
IO56PSB1V1
173
IO55PDB1V1
174
IO55NDB1V1
175
IO54PDB1V1
176
IO54NDB1V1
177
IO40PDB0V4
PQ208
Pin
Number
A3PE3000L Function
178
GND
179
IO40NDB0V4
180
IO37PDB0V4
181
IO37NDB0V4
182
IO35PDB0V4
183
IO35NDB0V4
184
IO32PDB0V3
185
IO32NDB0V3
186
VCCIB0
187
VCC
188
IO28PDB0V3
189
IO28NDB0V3
190
IO24PDB0V2
191
IO24NDB0V2
192
IO21PSB0V2
193
IO16PDB0V1
194
IO16NDB0V1
195
GND
196
IO11PDB0V1
197
IO11NDB0V1
198
IO08PDB0V0
199
IO08NDB0V0
200
VCCIB0
201
GAC1/IO02PDB0V0
202
GAC0/IO02NDB0V0
203
GAB1/IO01PDB0V0
204
GAB0/IO01NDB0V0
205
GAA1/IO00PDB0V0
206
GAA0/IO00NDB0V0
207
GNDQ
208
VMV0
PQ208
Pin
Number
A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com