Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO88NDB2V0 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # IO88NDB2V0
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO88NDB2V0 Datasheet(HTML) 2 Page - Microsemi Corporation

  IO88NDB2V0 Datasheet HTML 1Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 2Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 3Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 4Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 5Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 6Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 7Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 8Page - Microsemi Corporation IO88NDB2V0 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
II
Revision 13
I/Os Per Package 1
ProASIC3L
Low-Power
Devices
A3P250L 2
A3P600L
A3P1000L
A3PE3000L
ARM
Cortex-M1
Devices
M1A3P600L
M1A3P1000L
M1A3PE3000L 3
Package
I/O Type
Single-
Ended I/O 4
Differential
I/O Pairs
Single-
Ended I/O 4
Differential
I/O Pairs
Single-
Ended I/O 4
Differential
I/O Pairs
Single-
Ended I/O 4
Differential
I/O Pairs
VQ100
68
13
–
––
––
PQ208
151
34
154
35
154
35
147
65
FG144
97
2497259725
FG256
157
38
177
43
177
44
–
–
FG324
–
–
–
–
–
–
221
110
FG484
–
–
235
60
300
74
341
168
FG896
–
–
–
–
–
–
620
310
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the packaging section of the datasheet to ensure
you are complying with design and board migration requirements.
2. For A3P250L devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15.
3. ARM Cortex-M1 support is TBD on this device.
4. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
5. FG256 and FG484 are footprint-compatible packages.
6. "G" indicates RoHS-compliant packages. Refer to "ProASIC3L Ordering Information" on page III for the location of the "G" in the part
number.
7. For A3PE3000L devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
8. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not as a regular I/O, the number of single-ended user
I/Os available is reduced by one.
Table 2 • ProASIC3L FPGAs Package Sizes Dimensions
Package
VQ100
PQ208
FG144
FG256
FG324
FG484
FG896
Length × Width
(mm\mm)
14 × 14
28 × 28
13 × 13
17 × 17
19 × 19
23 × 23
31 × 31
Nominal Area
(mm2)
196
784
169
289
361
529
961
Pitch (mm)
0.5
0.5
1.0
1.0
1.0
1.0
1.0
Height (mm)
1.00
3.40
1.45
1.60
1.63
2.23
2.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com