Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2C8 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 37Page - Altera Corporation EP2C8 Datasheet HTML 38Page - Altera Corporation EP2C8 Datasheet HTML 39Page - Altera Corporation EP2C8 Datasheet HTML 40Page - Altera Corporation EP2C8 Datasheet HTML 41Page - Altera Corporation EP2C8 Datasheet HTML 42Page - Altera Corporation EP2C8 Datasheet HTML 43Page - Altera Corporation EP2C8 Datasheet HTML 44Page - Altera Corporation EP2C8 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 168 page
background image
Altera Corporation
2–29
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Table 2–6 summarizes the features supported by the M4K memory.
Table 2–6. M4K Memory Features
Feature
Description
Maximum performance (1)
250 MHz
Total RAM bits per M4K block (including parity bits)
4,608
Configurations supported
4K × 1
2K × 2
1K × 4
512 × 8
512 × 9
256 × 16
256 × 18
128 × 32 (not available in true dual-port mode)
128 × 36 (not available in true dual-port mode)
Parity bits
One parity bit for each byte. The parity bit, along with
internal user logic, can implement parity checking for
error detection to ensure data integrity.
Byte enable
M4K blocks support byte writes when the write port has
a data width of 1, 2, 4, 8, 9, 16, 18, 32, or 36 bits. The
byte enables allow the input data to be masked so the
device can write to specific bytes. The unwritten bytes
retain the previous written value.
Packed mode
Two single-port memory blocks can be packed into a
single M4K block if each of the two independent block
sizes are equal to or less than half of the M4K block
size, and each of the single-port memory blocks is
configured in single-clock mode.
Address clock enable
M4K blocks support address clock enable, which is
used to hold the previous address value for as long as
the signal is enabled. This feature is useful in handling
misses in cache applications.
Memory initialization file (.mif)
When configured as RAM or ROM, you can use an
initialization file to pre-load the memory contents.
Power-up condition
Outputs cleared
Register clears
Output registers only
Same-port read-during-write
New data available at positive clock edge
Mixed-port read-during-write
Old data available at positive clock edge
Note to Table 2–6:
(1)
Maximum performance information is preliminary until device characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com