Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2C50 Datasheet(PDF) 91 Page - Altera Corporation

Part # EP2C50
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 87Page - Altera Corporation EP2C50 Datasheet HTML 88Page - Altera Corporation EP2C50 Datasheet HTML 89Page - Altera Corporation EP2C50 Datasheet HTML 90Page - Altera Corporation EP2C50 Datasheet HTML 91Page - Altera Corporation EP2C50 Datasheet HTML 92Page - Altera Corporation EP2C50 Datasheet HTML 93Page - Altera Corporation EP2C50 Datasheet HTML 94Page - Altera Corporation EP2C50 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
Altera Corporation
5–1
February 2008
5. DC Characteristics and
Timing Specifications
Operating
Conditions
Cyclone® II devices are offered in commercial, industrial, automotive,
and extended temperature grades. Commercial devices are offered in –6
(fastest), –7, and –8 speed grades.
All parameter limits are representative of worst-case supply voltage and
junction temperature conditions. Unless otherwise noted, the parameter
values in this chapter apply to all Cyclone II devices. AC and DC
characteristics are specified using the same numbers for commercial,
industrial, and automotive grades. All parameters representing voltages
are measured with respect to ground.
Tables 5–1 through 5–4 provide information on absolute maximum
ratings.
Table 5–1. Cyclone II Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
Minimum Maximum
Unit
VCCINT
Supply voltage
With respect to ground
–0.5
1.8
V
VCCIO
Output supply voltage
–0.5
4.6
V
VCCA_PLL [1..4] PLL supply voltage
–0.5
1.8
V
VIN
DC input voltage (3)
—
–0.5
4.6
V
IOUT
DC output current, per pin
—
–25
40
mA
TSTG
Storage temperature
No bias
–65
150
°C
TJ
Junction temperature
BGA packages under bias
—
125
°C
Notes to Table 5–1:
(1)
Conditions beyond those listed in this table cause permanent damage to a device. These are stress ratings only.
Functional operation at these levels or any other conditions beyond those specified in this chapter is not implied.
Additionally, device operation at the absolute maximum ratings for extended periods of time may have adverse
effect on the device reliability.
(2)
Refer to the Operating Requirements for Altera Devices Data Sheet for more information.
(3)
During transitions, the inputs may overshoot to the voltage shown in Table 5–4 based upon the input duty cycle.
The DC case is equivalent to 100% duty cycle. During transition, the inputs may undershoot to –2.0 V for input
currents less than 100 mA and periods shorter than 20 ns.
CII51005-4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com