Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9510 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9510 Datasheet HTML 1Page - Microchip Technology MCP9510 Datasheet HTML 2Page - Microchip Technology MCP9510 Datasheet HTML 3Page - Microchip Technology MCP9510 Datasheet HTML 4Page - Microchip Technology MCP9510 Datasheet HTML 5Page - Microchip Technology MCP9510 Datasheet HTML 6Page - Microchip Technology MCP9510 Datasheet HTML 7Page - Microchip Technology MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 1
MCP9509/10
Features
• Resistor-Programmable Temperature Switch
• Wide Operating Voltage Range: 2.7V to 5.5V
• Low Supply Current: 30 µA (typical)
• Temperature Switch Accuracy:
- ±0.5°C (typical) at +25°C, +45°C
- ±1°C (typical) 0°C to +70°C
- ±3.5°C (maximum) 0°C to +125°C
- ±4.5°C (maximum) -20°C to +125°C
- ±2°C (typical) -40°C to +125°C
• Sensor Options available:
- Switch for rising temperature: Cold to Hot (H)
- Switch for falling temperature: Hot to Cold (C)
• Output Configurations:
- Open-Drain:
– External Pull-up Resistor: MCP9509
– Internal Pull-up Resistor: MCP9510
- Active-Low, Push-Pull: MCP9510
- Active-High, Push-Pull: MCP9510
• User Selectable Hysteresis: 2°C or 10°C (typical)
• Space-Saving SOT-23-5, SOT-23-6 Packages
Applications
• Power Supply Thermal Shutdown
• Temperature Alarm
• Thermostat Control
• Fan Control
• Base-Stations
• Automotive
Typical Performance
Description
Microchip Technology’s MCP9509/10 devices are pro-
grammable logic output temperature switches. The
temperature switch threshold can be programmed with
a single external resistor, which provides high design
flexibility and simplicity. In addition, this family of
devices provide user programmable features such as
2°C and 10°C (typical) switch hysteresis and output
structure configuration. The MCP9509 provides an
open drain output, whereas the MCP9510 is offered in
three different user selectable output configurations:
Active-low/Active-high
push
pull
and
Active-Low
Open-Drain output with an internal 100 k
Ω pull-up
resistor.
The MCP9509/10 operate from 2.7V to 5.5V. This
family is capable of triggering for temperatures -40°C to
+125°C with high accuracy.
Package Types
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = +45°C
VDD = 4.1V
9087 Units
6 Lots
4
1
2
3
5
GND
OUT
SOT-23-5
MCP9509
SET
VDD
HYST
4
1
2
3
6
GND
OUT / OUT
SOT-23-6
MCP9510
SET
VDD
HYST
5 OUTSET
Resistor-Programmable Temperature Switches


Similar Part No. - MCP9510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9510 MICROCHIP-MCP9510 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
MCP9510 MICROCHIP-MCP9510 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9510 MICROCHIP-MCP9510 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9510 MICROCHIP-MCP9510 Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510 MICROCHIP-MCP9510 Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
More results

Similar Description - MCP9510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
logo
Global Mixed-mode Techn...
G709 GMT-G709 Datasheet
40Kb / 1P
Resistor-Programmable SOT Temperature Switches
G708 GMT-G708 Datasheet
76Kb / 1P
Resistor-Programmable SOT Temperature Switches
G705 GMT-G705 Datasheet
84Kb / 1P
Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com