Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F1220
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F1220 Datasheet HTML 17Page - Microchip Technology PIC18F1220 Datasheet HTML 18Page - Microchip Technology PIC18F1220 Datasheet HTML 19Page - Microchip Technology PIC18F1220 Datasheet HTML 20Page - Microchip Technology PIC18F1220 Datasheet HTML 21Page - Microchip Technology PIC18F1220 Datasheet HTML 22Page - Microchip Technology PIC18F1220 Datasheet HTML 23Page - Microchip Technology PIC18F1220 Datasheet HTML 24Page - Microchip Technology PIC18F1220 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 19
PIC18F1220/1320
3.0
POWER MANAGED MODES
The PIC18F1220/1320 devices offer a total of six oper-
ating modes for more efficient power management
(see Table 3-1). These provide a variety of options for
selective power conservation in applications where
resources may be limited (i.e., battery powered
devices).
There are three categories of power managed modes:
• Sleep mode
• Idle modes
• Run modes
These categories define which portions of the device
are clocked and sometimes, what speed. The Run and
Idle modes may use any of the three available clock
sources (primary, secondary or INTOSC multiplexer);
the Sleep mode does not use a clock source.
The clock switching feature offered in other PIC18
devices (i.e., using the Timer1 oscillator in place of the
primary oscillator) and the Sleep mode offered by all
PIC® devices (where all system clocks are stopped) are
both
offered
in
the
PIC18F1220/1320
devices
(SEC_RUN and Sleep modes, respectively). However,
additional power managed modes are available that
allow the user greater flexibility in determining what
portions of the device are operating. The power man-
aged modes are event driven; that is, some specific
event must occur for the device to enter or (more
particularly) exit these operating modes.
For PIC18F1220/1320 devices, the power managed
modes are invoked by using the existing SLEEP
instruction. All modes exit to PRI_RUN mode when trig-
gered by an interrupt, a Reset or a WDT time-out
(PRI_RUN mode is the normal full power execution
mode; the CPU and peripherals are clocked by the pri-
mary oscillator source). In addition, power managed
Run modes may also exit to Sleep mode, or their
corresponding Idle mode.
3.1
Selecting Power Managed Modes
Selecting a power managed mode requires deciding if
the CPU is to be clocked or not and selecting a clock
source. The IDLEN bit controls CPU clocking, while the
SCS1:SCS0 bits select a clock source. The individual
modes, bit settings, clock sources and affected
modules are summarized in Table 3-1.
3.1.1
CLOCK SOURCES
The clock source is selected by setting the SCS bits of
the OSCCON register (Register 2-2). Three clock
sources are available for use in power managed Idle
modes: the primary clock (as configured in Configuration
Register 1H), the secondary clock (Timer1 oscillator)
and the internal oscillator block. The secondary and
internal oscillator block sources are available for the
power managed modes (PRI_RUN mode is the normal
full power execution mode; the CPU and peripherals are
clocked by the primary oscillator source).
TABLE 3-1:
POWER MANAGED MODES
Mode
OSCCON Bits
Module Clocking
Available Clock and Oscillator Source
IDLEN
<7>
SCS1:SCS0
<1:0>
CPU
Peripherals
Sleep
000
Off
Off
None – All clocks are disabled
PRI_RUN
000
Clocked
Clocked
Primary – LP, XT, HS, HSPLL, RC, EC, INTRC(1)
This is the normal full power execution mode.
SEC_RUN
001
Clocked
Clocked
Secondary – Timer1 Oscillator
RC_RUN
01x
Clocked
Clocked
Internal Oscillator Block(1)
PRI_IDLE
100
Off
Clocked
Primary – LP, XT, HS, HSPLL, RC, EC
SEC_IDLE
101
Off
Clocked
Secondary – Timer1 Oscillator
RC_IDLE
11x
Off
Clocked
Internal Oscillator Block(1)
Note 1:
Includes INTOSC and INTOSC postscaler, as well as the INTRC source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com