Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503A Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2503A
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2503A Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2503A Datasheet HTML 4Page - SMSC Corporation USB2503A Datasheet HTML 5Page - SMSC Corporation USB2503A Datasheet HTML 6Page - SMSC Corporation USB2503A Datasheet HTML 7Page - SMSC Corporation USB2503A Datasheet HTML 8Page - SMSC Corporation USB2503A Datasheet HTML 9Page - SMSC Corporation USB2503A Datasheet HTML 10Page - SMSC Corporation USB2503A Datasheet HTML 11Page - SMSC Corporation USB2503A Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Integrated USB 2.0 Compatible 3-Port Hub
Datasheet
Revision 2.3 (08-27-07)
8
SMSC USB2503/USB2503A
DATASHEET
Chapter 3 Pin Configuration 3-Port Hub
Figure 3.1 3-Port 48-Pin QFN
Thermal Slug
(must be connected to VSS)
SMSC
USB2503
&
USB2503A
(Top View QFN-48)
Indicates pins on the bottom of the device.
24
TEST0
23
VDD18
22
VSS
21
GR1/NON_REM0
20
GANG_EN
19
GR2/NON_REM1
18
PRTPWR_POL
17
GR3/PRT_DIS0
16
PRTPWR2
15
OCS3_N
14
PRTPWER3
13
VDDA33
RESET_N
37
VSS
38
VDD33CR
39
VDD18
40
VSS
41
XTAL1/CLKIN
43
VDDA18PLL
44
VDDA33PLL
45
VSS
48
RBIAS
47
ATEST/REG_EN
46
XTAL2
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com