Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT8L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT8L
Description  AT8L LAN Toner 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT8L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT8L Datasheet HTML 1Page - List of Unclassifed Manufacturers AT8L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
:
ELECTRICAL
Tracing transmitter signal power
+15 dBm, 7.5 V peak
Transmitter OFF voltage tolerance
60 V
Transmitter battery life
25 hours nominal
Requires one 9 VDC battery for the transmitter
MECHANICAL
Dimensions:
2.25W x 2.5H x 1.25D inches (5.7 x 6.4 x 3.2 cm)
Receiver dimensions:
9 x 2.125 x 1.125 inches (22.9 x 5.4 x 2.9 cm)
Complete kit weight:
14.4 ounces
SOME APPLICATIONS:
Wink a LAN hub activity light
and trace the cable at the
same time.
Check to see if a jack as
active LAN service.
Check to see if a jack has
telephone srvice.
© 2004 Tempo Research Company • MA-0165
Subject to change without notice
RELATED PRODUCTS
200FP Filtered Tone Probe
By selectively filtering out power line hum, the 200FP can be
used with any tone generator for faster, more accurate cable
and wire identification.
ORDERING INFORMATION
Catalog Number
UPC Number
Description
AT8L
08667
LAN Toner 2
tel 800.642.2155 | tel 760.598.9800 | fax 760.598.5634 | www.tempo.textron.com
AT8L
LAN Toner 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com