Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1907 Datasheet(PDF) 5 Page - ams AG

Part # AS1907
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1907 Datasheet(HTML) 5 Page - ams AG

  AS1907 Datasheet HTML 1Page - ams AG AS1907 Datasheet HTML 2Page - ams AG AS1907 Datasheet HTML 3Page - ams AG AS1907 Datasheet HTML 4Page - ams AG AS1907 Datasheet HTML 5Page - ams AG AS1907 Datasheet HTML 6Page - ams AG AS1907 Datasheet HTML 7Page - ams AG AS1907 Datasheet HTML 8Page - ams AG AS1907 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS1907/AS1908/AS1909
Datasheet - Ty pical Operating Characteristics
www.ams.com/Supervisors/AS1907-09
Revision 1.8
5 - 10
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified).
Figure 3. Supply Current vs. Temperature
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Normalized Reset Timeout Period vs.
Figure 6. Output Voltage Low vs. Temperature
Temperature, VTH = 2.3VReset Asserted
0
1
2
3
4
5
6
1.4
1.8
2.2
2.6
3
3.4
3.8
Supply Voltage (V)
2
2.2
2.4
2.6
2.8
3
3.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 2.5V
VCC = 1.8V
5
15
25
35
45
55
65
75
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 1.8V
ISINK = 500µA
VCC = 2.2V
ISINK = 500µA
VCC = 0.7V
ISINK = 50µA
VCC = 1.0V
ISINK = 50µA
0.9
1
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com