Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1970 Datasheet(PDF) 5 Page - ams AG

Part # AS1970
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1970 Datasheet(HTML) 5 Page - ams AG

  AS1970 Datasheet HTML 1Page - ams AG AS1970 Datasheet HTML 2Page - ams AG AS1970 Datasheet HTML 3Page - ams AG AS1970 Datasheet HTML 4Page - ams AG AS1970 Datasheet HTML 5Page - ams AG AS1970 Datasheet HTML 6Page - ams AG AS1970 Datasheet HTML 7Page - ams AG AS1970 Datasheet HTML 8Page - ams AG AS1970 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 18
AS1970
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
VCC = 2.7 to 5.5V, VEE = 0V, VCM = 0V, TAMB = -40 to +85ºC (unless otherwise specified). Typ values are at TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
Inferred from PSRR test
2.5
5.5
V
IDD
Supply Current
VCC = 5V, No Load, AS1974/AS1975
36
64
µA
VCC = 5V, No Load, AS1972/AS1973
18
32
VCC = 5V, No Load, AS1970, AS1971
11
19
VCC = 2.7V, No Load, AS1974/AS1975
34
60
VCC = 2.7V, No Load, AS1972/AS1973
17
30
VCC = 2.7V, No Load, AS1970, AS1971
10
18
PSRR
Power-Supply Rejection Ratio
2.5V
≤ VCC ≤ 5.5V, TAMB = +25ºC
55
80
dB
VCMR
Common-Mode Voltage Range
1
TAMB = +25ºC
VEE
- 0.25
VCC
+ 0.25
V
TAMB = -40 to +85ºC
VEE
VCC
VOS
Input Offset Voltage
2
Full Common-Mode Range,
TAMB = +25ºC
±0.5
±6
mV
Full Common-Mode Range,
TAMB = -40 to +85ºC
±8
VHYS
Input Hysteresis
±3
mV
IB
Input Bias Current
3, 4
0.001
10
nA
IOS
Input Offset Current
0.5
pA
CIN
Input Capacitance
3.5
pF
CMRR
Common-Mode Rejection Ratio
TAMB = +25ºC
52
80
dB
ILEAK
Output Leakage Current
AS1971/AS1973/AS1975 only
1.0
µA
ISC
Output Short-Circuit Current
Sourcing or Sinking, VOUT = VEE or VCC,
VCC = 5V
60
mA
Sourcing or Sinking, VOUT = VEE or VCC,
VCC = 2.7V
18
VOL
OUTx Output Voltage Low
VCC = 5V, ISINK = 8mA,
TAMB = +25ºC
0.2
0.4
V
VCC = 5V, ISINK = 8mA,
TAMB = -40 to +85ºC
0.55
VCC = 2.7V, ISINK = 3.5mA,
TAMB = +25ºC
0.15
0.3
VCC = 2.7V, ISINK = 3.5mA,
TAMB = -40 to +85ºC
0.4
VOH
OUTx Output Voltage High
(AS1970/AS1972/AS1974 only)
VCC = 5V, ISINK = 8mA,
TAMB = +25ºC
4.6
4.85
V
VCC = 5V, ISINK = 8mA,
TAMB = -40 to +85ºC
4.45
VCC = 2.7V, ISINK = 3.5mA,
TAMB = +25ºC
2.4
2.55
VCC = 2.7V, ISINK = 3.5mA,
TAMB = -40 to +85ºC
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com