Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1972 Datasheet(PDF) 11 Page - ams AG

Part # AS1972
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1972 Datasheet(HTML) 11 Page - ams AG

Back Button AS1972 Datasheet HTML 7Page - ams AG AS1972 Datasheet HTML 8Page - ams AG AS1972 Datasheet HTML 9Page - ams AG AS1972 Datasheet HTML 10Page - ams AG AS1972 Datasheet HTML 11Page - ams AG AS1972 Datasheet HTML 12Page - ams AG AS1972 Datasheet HTML 13Page - ams AG AS1972 Datasheet HTML 14Page - ams AG AS1972 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 18
AS1970
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
Figure 17 shows a typical application circuit for the AS1970 - AS1975 comparators.
Figure 17. Typical Application Diagram – Threshold Detector
Hysteresis (AS1970/AS1972/AS1974)
The AS1970/AS1972/AS1974 have 3mV internal hysteresis. Additional hysteresis can be generated with three resis-
tors using positive feedback (Figure 18), however this method also slows hysteresis response time.
Figure 18. Additional Hysteresis AS1970/AS1972/AS1974
Resistor Selection Example
For the circuit shown in Figure 18, the following steps can be used to calculate values for R1, R2, and R3.
1. Select R3 first. The current through R3 should be at least 1µA to minimize errors caused by leakage current. The
current through R3 at the trip point is:
(VREF - VOUT)/R3
(EQ 1)
The two possible output states in solving for R3 yields these two formulas:
R3 = VREF/1µA
(EQ 2)
R3 = (VREF - VCC)/1µA
(EQ 3)
For example, for VREF = 1.2V and VCC = 5V, the two R3 resistor values are 1.2M
Ω and 3.8MΩ. Use the smaller of
the two resulting resistor values; in this case a standard 1.2M
Ω resistor should be used for R3.
2. Choose the hysteresis band (VHB). For this example, use VHB = 50mV.
3. Calculate R1 according to the following equation:
R1 = R3(VHB/VCC)(EQ 4)
Substituting the example values for R3 and VHB gives:
R1 = 1.2M
Ω(50mV/5V) = 12kΩ
AS1970 - AS1975
RPULLUP
†
† AS1971/AS1973/AS1975 only
VIN
4
IN-
1
OUT
2
VCC
5
VEE
3
IN+
OUT
R1
R3
VCC
VIN
VREF
R2
+
VEE
VCC
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com