Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 2 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 2 Page - ams AG

  AS1976 Datasheet HTML 1Page - ams AG AS1976 Datasheet HTML 2Page - ams AG AS1976 Datasheet HTML 3Page - ams AG AS1976 Datasheet HTML 4Page - ams AG AS1976 Datasheet HTML 5Page - ams AG AS1976 Datasheet HTML 6Page - ams AG AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AS1976, AS1977
Ultra-Low Current, 1.8V Comparators
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.01
1 - 17
1 General Description
The AS1976/AS1977 are very low-current comparators
that can operate beyond the rail voltages and are guar-
anteed to operate down to 1.8V
Low input bias current, current-limiting output circuitry,
and ultra-small packaging make these comparators
ideal for low-power 2-cell applications including power-
management and power-monitoring systems.
The comparators are available as the standard products
listed in Table 1.
The AS1976 push/pull output can sink or source current.
The AS1977 open-drain output can be pulled beyond
VCC to a maximum of 6V > VEE. This open-drain model
is ideal for use as a logic-level translator or bipolar-to-
unipolar converter.
Large internal output drivers provide rail-to-rail output
swings with loads up to 8mA. Both devices feature built-
in battery power-management and power-monitoring cir-
cuitry.
The AS1976/AS1977 are available in a 5-pin SOT23
package.
Figure 1. Block Diagram
2 Key Features
!
CMOS Push/Pull Output Sinks and Sources 8mA
(AS1976)
!
CMOS Open-Drain Output Voltage Extends Beyond
VCC (AS1977)
!
Ultra-Low Supply Current: 200nA
!
Internal Hysteresis: 3mV
!
3V-to5V Logiv-Level Translation
!
Guaranteed to Operate Down to +1.8V
!
Input Voltage Range Operates 200mV Beyond the
Rails
!
Crowbar Current-Free Switching
!
No Phase Reversal for Overdriven Inputs
!
5-pin SOT23 Package
3 Applications
The devices are ideal for battery monitoring/manage-
ment, mobile communication devices, laptops and
PDAs, ultra-low-power systems, threshold detectors/dis-
criminators, telemetry and remote systems, medical
instruments, or any other space-limited application with
low power-consumption requirements.
Table 1. Standard Products
Model
Output Type
Current
AS1976
Push/Pull
200nA
AS1977
Open-Drain
200nA
AS1976/
AS1977
–
+
5
VCC
3
IN+
1
OUT
2
VEE
4
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com