Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1752V Datasheet(PDF) 9 Page - ams AG

Part # AS1752V
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1752V Datasheet(HTML) 9 Page - ams AG

Back Button AS1752V Datasheet HTML 5Page - ams AG AS1752V Datasheet HTML 6Page - ams AG AS1752V Datasheet HTML 7Page - ams AG AS1752V Datasheet HTML 8Page - ams AG AS1752V Datasheet HTML 9Page - ams AG AS1752V Datasheet HTML 10Page - ams AG AS1752V Datasheet HTML 11Page - ams AG AS1752V Datasheet HTML 12Page - ams AG AS1752V Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
8 - 16
AS1751/AS1752/AS1753
Data Sheet - Deta iled Description
8 Detailed Description
The AS1751/AS1752/AS1753 are low ON-resistance, low-voltage, quad analog SPST switches that operate from a
single +1.6 to +3.6V supply.
CMOS process technology allows switching of analog signals that are within the supply voltage range (GND to V+).
Figure 11. 16-pin TQFN Block Diagrams
ON-Resistance
When powered from a +3V supply, the low (0.9
Ω, max) ON-resistance allows high-speed, continuous signals to be
switched in a variety of applications.
Bi-Directional Switching
Pins NOx, NCx, and COMx are bi-directional, thus they can be used as inputs to- or outputs from other components.
Analog Signal Levels
Analog signals ranging over the entire supply voltage range (V+ to GND) can be switched with very little change in ON-
resistance (see Typical Operating Characteristics on page 6).
Logic Inputs
The devices’ logic inputs can be driven up to +3.6V regardless of the supply voltage value. For example, with a +1.8V
supply, INx may be driven low to GND and high to +3.6V. This allows the devices to interface with +3V systems using
a supply of less than 3V.
Table 6. Truth Tables
Device
Input
Switch State
AS1751
Low
Off
High
On
AS1752
Low
On
High
Off
AS1753
Low
Switches 1, 3 = Off
Switches 2, 4 = On
High
Switches 1, 3 = On
Switches 2, 4 = Off
AS1751
2
COM2
3
N/C
4
IN2
1
NO2
11
NO4
10
N/C
9
COM4
12
IN4
AS1752
2
COM2
3
N/C
4
IN2
1
NC2
11
NC4
10
N/C
9
COM4
12
IN4
AS1753
2
COM2
3
N/C
4
IN2
1
NC2
11
NC4
10
N/C
9
COM4
12
IN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com