Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1973 Datasheet(PDF) 4 Page - ams AG

Part # AS1973
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1973 Datasheet(HTML) 4 Page - ams AG

  AS1973 Datasheet HTML 1Page - ams AG AS1973 Datasheet HTML 2Page - ams AG AS1973 Datasheet HTML 3Page - ams AG AS1973 Datasheet HTML 4Page - ams AG AS1973 Datasheet HTML 5Page - ams AG AS1973 Datasheet HTML 6Page - ams AG AS1973 Datasheet HTML 7Page - ams AG AS1973 Datasheet HTML 8Page - ams AG AS1973 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.austriamicrosystems.com
Revision 1.02
3 - 18
AS1970
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply Voltage VCC to VEE
7V
INx+, INx- to VEE
-0.3
VCC
+ 0.3
V
OUTx to VEE
AS1970/AS1972/AS1974
-0.3
VCC
+ 0.3
V
AS1971/AS1973/AS1975
-0.3
+7
V
OUTx Short-Circuit Duration to VEE or VCC
10
s
Continuous Power
Dissipation
(TAMB = +70ºC)
5-pin SOT23
571
mW
Derate 7.1mW/ºC above +70ºC
8-pin MSOP
727
mW
Derate 9.1mW/ºC above +70ºC
14-pin TSSOP
727
mW
Derate 9.1mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Junction Temperature Range
+150
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com