Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2523 Datasheet(PDF) 13 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 13 Page - ams AG

Back Button AS2523 Datasheet HTML 9Page - ams AG AS2523 Datasheet HTML 10Page - ams AG AS2523 Datasheet HTML 11Page - ams AG AS2523 Datasheet HTML 12Page - ams AG AS2523 Datasheet HTML 13Page - ams AG AS2523 Datasheet HTML 14Page - ams AG AS2523 Datasheet HTML 15Page - ams AG AS2523 Datasheet HTML 16Page - ams AG AS2523 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.13
Page 12 of 19
Tone mode
This mode is used to send DTMF and FSK data to the line.
Speech mode is Tone mode (M1-M2;M3-M4 muted, Rx path muted, RO and LO active)
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
Tone TX-Gain
+14dB
+14dB
Confidence tone
level
-36dB@Ro –15dB@Lo
relative to Pin LS
-36dB@Ro –15dB@Lo
relative to Pin LS
Loudhearing AS2524 and AS2524B (feature only available as DIE)
Speech mode is Loudhearing (M3-M4, RO active; LO activated).
Loudhearing can be activated via a bond-option (see document “AS2523/24 Delivery as Dice”).
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
TX-Gain
+37dB
+43dB
RX-Gain
+7.5dB
+7.5dB
Tone
Off
Off
Slow_rec
On
On
RECV pin
Deactivated
Deactivated
Highpass
2000kHz (10nF from TXO->TXV)
2000kHz (10nF from TXO->TXV)
Voice switching speed
120ms/6dB
120ms/6dB
RX-Offset
300mV
300mV
Electrical characteristics
Electrical characteristics are measured with the Test Circuit
application. Typical mean values will not be tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
+/- 25mA
Input Voltage (LS)
-0.3V <= Vin <= 12V
Input Voltage (LI, CS)
-0.3V <= Vin <= 8V
Input Voltage (STB, RI)
-2V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5kΩ-100pF)
+/- 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (generated internally)
3V <= VDD <= 5V
Operating Temperature
-25°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com