Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2522B Datasheet(PDF) 16 Page - ams AG

Part # AS2522B
Description  Telephone Line Interface and Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522B Datasheet(HTML) 16 Page - ams AG

Back Button AS2522B Datasheet HTML 12Page - ams AG AS2522B Datasheet HTML 13Page - ams AG AS2522B Datasheet HTML 14Page - ams AG AS2522B Datasheet HTML 15Page - ams AG AS2522B Datasheet HTML 16Page - ams AG AS2522B Datasheet HTML 17Page - ams AG AS2522B Datasheet HTML 18Page - ams AG AS2522B Datasheet HTML 19Page - ams AG AS2522B Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 15 of 19
Miscellaneous
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
VPARO
Pacifier level at RO
RL = 150 Ohm
30
mVpp
N
VPALS
Pacifier level at LS1/2
RL = 50 Ohm
100
mVpp
N
Test circuit
15nF
10k
5V1
10uF
Iline
15nF
50
100nF
BC327
15nF
15nF
Vac
3.58MHz Resonator
600
BC327
10k
1uF
10V
150
100nF
AS2522A
13
11
10
7
8
32
9
12
22
25
21
30
29
28
27
24
23
16
15
17
4
6
3
5
14
LS
RI
LI
STB
CS
VSSD
VSS
SS
VPP
VSSA
CM
CLK
DI
DO
xCS
LO1
LO2
RECV
RECI
RO
M2
M1
M4
M3
CI
6k
30
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com