Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2523T Datasheet(PDF) 14 Page - ams AG

Part # AS2523T
Description  Telephone Line Interface and Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523T Datasheet(HTML) 14 Page - ams AG

Back Button AS2523T Datasheet HTML 10Page - ams AG AS2523T Datasheet HTML 11Page - ams AG AS2523T Datasheet HTML 12Page - ams AG AS2523T Datasheet HTML 13Page - ams AG AS2523T Datasheet HTML 14Page - ams AG AS2523T Datasheet HTML 15Page - ams AG AS2523T Datasheet HTML 16Page - ams AG AS2523T Datasheet HTML 17Page - ams AG AS2523T Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.13
Page 13 of 19
DC characteristics
ILine=15mA w/o operation of any additional external
circuitry, unless other specified
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
IDDS
Operating Current
Speech Mode
3
6
mA
Y
IDDH
Operating Current
Handsfree Mode
7
10
mA
Y
VLI
Line Voltage LIVolt=0
Line Voltage LIVolt=1
15mA<=ILINE<=100mA
3.2
4.2
3.5
4.5
3.8
4.8
V
V
Y
Y
IOL
Output Current, Sink
CS,SS
VOL=0.4V
1
mA
N
Transmit characteristics
ILine=15mA f=800Hz, default settings unless other specified
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
AM1/2TX Transmit Gain M1/M2 → LS
AS2524
AS2524B
ZAC(syn)=1000Ω
35
39
+36.5
+42.5
38
44
dB
dB
Y
Y
AM3/4TX Transmit Gain M3/M4 → LS
AS2524
AS2524B
ZAC(syn)=1000Ω
43
49
+45.0
+51
47
53
dB
dB
Y
Y
Atone TX Transmit Gain
Tone → LS
ZAC(syn)=1000Ω
12
+14dB
16
dB
Y
∆
ATX
Variation with frequency
f = 500Hz … 3.4kHz
±0.8
dB
N
AVRM12 Control range
M1/M2 → LS
16 steps
-7/+8
dBr
N
AVRM34 Control range
M2/M4 → LS
16 steps
-7/+8
dBr
N
THD
Distortion
VLS=0.25VRMS
2
%
Y
VAGC1
Soft Clip Level
M1/M2 → LS at LS
2
VP
N
VAGC2
Soft Clip Level
M3/M4 → LS at LS
2
VP
N
ASCO
Soft Clip Overdrive
M1/M2 - M3/M4
20
dB
N
tattack
Attack time
70
us/6dB
N
tdecay
Decay time
100
ms/6dB
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com