Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3515 Datasheet(PDF) 21 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 21 Page - ams AG

Back Button AS3515_08 Datasheet HTML 17Page - ams AG AS3515_08 Datasheet HTML 18Page - ams AG AS3515_08 Datasheet HTML 19Page - ams AG AS3515_08 Datasheet HTML 20Page - ams AG AS3515_08 Datasheet HTML 21Page - ams AG AS3515_08 Datasheet HTML 22Page - ams AG AS3515_08 Datasheet HTML 23Page - ams AG AS3515_08 Datasheet HTML 24Page - ams AG AS3515_08 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
20
- 66
Left Line In Register (0Bh & 0Dh)
Table 19 LINE_IN1_L & LINE_IN2_L Register
Bit
Name
Description
7,6
LI1_Mode
LI2_Mode
Single ended stereo or differential mono selection
00: inputs switched to single ended stereo
01: inputs switched to differential mono
10: inputs switched to single ended mono
11: tbd.
5
LI1L_Mute_off
LI2L_Mute_off
0: left line input is set to mute
1: normal operation
4..0
LI1L_VOL
LI2L_VOL
Volume settings for left microphone input, adjustable in 32 steps @ 1.5dB
11111: 12 dB gain
11110: 10.5 dB gain
..
00001: -33 dB gain
00000: -34.5 dB gain
The registers are R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com