Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 21 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 21 Page - ams AG

Back Button AS3517_08 Datasheet HTML 17Page - ams AG AS3517_08 Datasheet HTML 18Page - ams AG AS3517_08 Datasheet HTML 19Page - ams AG AS3517_08 Datasheet HTML 20Page - ams AG AS3517_08 Datasheet HTML 21Page - ams AG AS3517_08 Datasheet HTML 22Page - ams AG AS3517_08 Datasheet HTML 23Page - ams AG AS3517_08 Datasheet HTML 24Page - ams AG AS3517_08 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
9.1.3
Audio Line Outputs (2x)
General
The line outputs are designed to provide the audio signal with typical 1VPEAK at a load of minimum 10k
Ω, which is a minimum value for
line inputs. If the limiters (N20/N21) are deactivated the peak output voltage is 1.45VPEAK. The load however can decrease to 64Ohm. In
addition these line output can be configured as mono differential to drive 1VPEAK @ 32
Ω load (e.g. an earpiece of a mobile phone).
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from
-40.5dB to +6dB. A zero cross detection allows to control the actual execution of new gain settings.
If the line output is not enabled, the volume settings are set to their default values. Changing of volume and mute control can only be done
after enabling the output.
If using the output in mono differential mode, the volume setting for the right channel should be set to 0dB.
Figure 7 Line Output
Stereo Mode
Mono Differential Mode (please observe that gain of right
channel amplifier has to best to 0dB)
Parameter
Table 14 Line Output Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
RL_LO
Load Impedance
(Stereo Mode)
64
Ω
line inputs nominally have
10kΩ
CL_LO
Load Capacitance
(Stereo Mode)
100
pF
ALO
Programmable Gain
-40.5
+6
dB
Gain Steps
1.5
dB
discrete logarithmic gain
steps
Gain Step Accuracy
±0.25
dB
ALOMUTE
Mute Attenuation
100
dB
BVDD = 3.3V, TA= 25oC unless otherwise mentioned
Register Description
Table 15 Line Output Related Register
Name
Base
Offset
Description
LINE_OUT1_R
2-wire serial
00h
Right Line Output 1 volume settings, MUX control
LINE_OUT1_L
2-wire serial
01h
Left Line Output 1 volume settings
LINE_OUT2_R
2-wire serial
04h
Right Line Output 2 volume settings, MUX control
LINE_OUT2_L
2-wire serial
05h
Left Line Output 2 volume settings
AudioSet_1
2-wire serial
14h
Enable/disable driver stage
AudioSet_3
2-wire serial
16h
Enable/disable mixer input
Line output have to be enabled in register 14h first before other settings in register 00h and 01h can be programmed.
Revision 1v3
20
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com