Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658F-BCTP Datasheet(PDF) 100 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 100 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 96Page - ams AG AS3658F-BCTP Datasheet HTML 97Page - ams AG AS3658F-BCTP Datasheet HTML 98Page - ams AG AS3658F-BCTP Datasheet HTML 99Page - ams AG AS3658F-BCTP Datasheet HTML 100Page - ams AG AS3658F-BCTP Datasheet HTML 101Page - ams AG AS3658F-BCTP Datasheet HTML 102Page - ams AG AS3658F-BCTP Datasheet HTML 103Page - ams AG AS3658F-BCTP Datasheet HTML 104Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
99 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.7
Five Band Equalizer
The 5 Band equalizer is build of one low pass, one high pass and 3 band pass filter, and is optimized for 44.1kHz
sample frequency:
Low pass filter: 200Hz ( when programming negaitve gain values, this filter changes to a HP filter)
Band pass filter1: 340Hz / Q=1.0 (when programming negative gain values, this filter changes to a notch filter)
Band pass filter2: 1100Hz / Q=0.7 (when programming negative gain values, this filter changes to a notch filter)
Band pass filter3: 3375Hz / Q=1.0 (when programming negative gain values, this filter changes to a notch filter)
High pass filter: 5940Hz (when pragramming negative gain values, this filter changes to a LP filter)
The Q factors and the cut off frequency of the High and low pass filter are measured at 50% gain and are valid for
+6dB amplification of each band.
The attenuation or amplification of each band can be dynamically adjusted by the serial interface. Additional a pre-gain
stage can adjust the input level. This gain stage is after the 16 to 24 bit extension and therefore additional gain, which
is compensated with the equalizer filter itself (eq_lp_gain, eq_band1,2,3_gain, eq_hp_gain) will not cause clipping:
Figure 45. Equalizer Block Diagram
Table 103. LINE_IN_L Register
Addr:86
LINE_IN_L
These bits control the LINE_IN volume and functions
Bit
Bit Name
Default
Access
Description
4:0
lil_vol
00000
R/W
volume settings for right line input, adjustable in 32 steps @
1.5dB; gain from line input pin (LIN1L) to mixer input
00000
-34.5 dB gain
00001
-33 dB gain
.....
11110
10.5 dB gain
11111
12 dB gain
5
mute_off_inl
0
R/W
Control of MUTE switch
0
left line input is set to mute
1
normal operation
7:6
00
n/a
do not change

 !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com