Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676-ZWLT Datasheet(PDF) 21 Page - ams AG

Part # AS3676-ZWLT
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676-ZWLT Datasheet(HTML) 21 Page - ams AG

Back Button AS3676-ZWLT Datasheet HTML 17Page - ams AG AS3676-ZWLT Datasheet HTML 18Page - ams AG AS3676-ZWLT Datasheet HTML 19Page - ams AG AS3676-ZWLT Datasheet HTML 20Page - ams AG AS3676-ZWLT Datasheet HTML 21Page - ams AG AS3676-ZWLT Datasheet HTML 22Page - ams AG AS3676-ZWLT Datasheet HTML 23Page - ams AG AS3676-ZWLT Datasheet HTML 24Page - ams AG AS3676-ZWLT Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
20 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.3.3 Unused Charge Pump
If the charge pump is not used, capacitors C3, C4 and C5 can be removed. The pins C1_P, C1_N, C2_P, C2_N and
CPOUT should be left open and keep register cp_on and cp_auto_on at 0 (default value).
8.3.4
Charge Pump Registers
Table 15. Reg. control
Register
Addr: 00h
Reg. control
This register controls the Charge Pump.
Bit
Bit Name
Default Access
Description
2
cp_on
0R/W
0
Set Charge Pump into 1:1 mode (off state) unless
cp_auto_on is set
1
Enable manual or automatic mode switching
Table 16. CP control
Register
Addr: 23h
CP control
This register enables/disables the Charge Pump and the Step Up DC/DC
Converter.
Bit
Bit Name
Default Access
Description
0
cp_clk
0R/W
Clock frequency selection.
01 MHz
1
500 kHz
2:1
cp_mode
00b
R/W
Charge Pump mode (in manual mode sets this mode, in
automatic mode reports the actual mode used)
1
1. Direct switching from 1:1.5 mode into 1:2 in manual mode and vice versa is not allowed. Always switch over 1:1
mode.
00
1:1 mode
01
1:1.5 mode
10
1:2 mode
11
NA
4:3
cp_mode_switching
00b
R/W
Set the mode switching algorithm
00
Automatic Mode switching; 1:1, 1:1.5 and 1:2
allowed
01
Automatic Mode switching; only 1:1 and 1:1.5
allowed
10
Manual Mode switching; register cp_mode defines
the actual charge pump mode used
11
Reserved
5
cp_start_debounce
0R/W
0
Mode switching debounce timer is always 240µs
1
Upon startup (cp_on set to 1) the mode switching
debounce time is first started with 2ms then
reduced to 240µs
6
cp_auto_on
0R/W
0
Charge Pump is switched on/off with cp_on
1
Charge Pump is automatically switched on if a
current sink, which is connected to the charge
pump (defined by registers CP Mode Switch 1 & 2)
is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com