Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 21 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 21 Page - ams AG

Back Button AS3691_07 Datasheet HTML 15Page - ams AG AS3691_07 Datasheet HTML 16Page - ams AG AS3691_07 Datasheet HTML 17Page - ams AG AS3691_07 Datasheet HTML 18Page - ams AG AS3691_07 Datasheet HTML 19Page - ams AG AS3691_07 Datasheet HTML 20Page - ams AG AS3691_07 Datasheet HTML 21Page - ams AG AS3691_07 Datasheet HTML 22Page - ams AG AS3691_07 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
20 - 22
Marking:
Line 1: austriamicrosystems Logo
Line 2: AYWWIZZ
A = Pb-Free Identifier
Y = Year
WW = Week
I = Plant Identifier
ZZ = Letters of Free Choice
Line 3: AS3691, AS3691A or AS3691B
Figure
19 – ePTSSOP Package Drawing Detail Dimenstions
10.3 DIE Delivery
Please contact austriamicrosystems for die delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com