Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 5 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 5 Page - ams AG

  AS3930_07 Datasheet HTML 1Page - ams AG AS3930_07 Datasheet HTML 2Page - ams AG AS3930_07 Datasheet HTML 3Page - ams AG AS3930_07 Datasheet HTML 4Page - ams AG AS3930_07 Datasheet HTML 5Page - ams AG AS3930_07 Datasheet HTML 6Page - ams AG AS3930_07 Datasheet HTML 7Page - ams AG AS3930_07 Datasheet HTML 8Page - ams AG AS3930_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
5 - 32
AS3930
Datasheet - Pin Assignm ents
4.2 QFN 4x4 16 LD
Figure 5. QFN Pin Assignments (Top View)
4.2.1 Pin Descriptions
Table 2. QFN 4x4 16 LD Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1NC
-
Not connected
2NC
-
3LF1P
Analog I/O
Input antenna
4
LFN
Antenna ground
5
XIN
Crystal oscillator input
6
XOUT
Crystal oscillator output
7VSS
Supply pad
Substrate
8
WAKE
Digital output
Wake-up output IRQ
9
DAT
Data output
10
NC
-
Not connected
11
CS
Digital input
Chip select
12
SCL
SDI interface clock
13
SDI
SDI data input
14
SDO
Digital output / tristate
SDI data output (tristate when CS is low)
15
VCC
Supply pad
Positive supply voltage
16
GND
Negative supply voltage
SCL
NC
DAT
LF1P
CS
NC
NC
LFN
5
6
78
12
16
15
14
13
11
10
9
AS3930A
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com