Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3931-TPD Datasheet(PDF) 28 Page - ams AG

Part # AS3931-TPD
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931-TPD Datasheet(HTML) 28 Page - ams AG

Back Button AS3931-TPD Datasheet HTML 23Page - ams AG AS3931-TPD Datasheet HTML 24Page - ams AG AS3931-TPD Datasheet HTML 25Page - ams AG AS3931-TPD Datasheet HTML 26Page - ams AG AS3931-TPD Datasheet HTML 27Page - ams AG AS3931-TPD Datasheet HTML 28Page - ams AG AS3931-TPD Datasheet HTML 29Page - ams AG AS3931-TPD Datasheet HTML 30Page - ams AG AS3931-TPD Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
27 - 30
AS3931
Datasheet - Pack a ge Drawin gs and Ma r k ings
11 Package Drawings and Markings
The product is available in 16-pin TSSOP package.
Figure 20. 16-pin TSSOP Package
Marking: YYWWMZZ.
YY
WW
M
ZZ
Year (i.e. 10 for 2010)
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b0.19
-
0.30
c0.09
-
0.20
D
4.905.005.10
E
-
6.40 BSC
-
E1
4.30
4.40
4.50
e
-
0.65 BSC
-
L
0.450.600.75
L1
-
1.00 REF
-
Symbol
Min
Nom
Max
R0.09
-
-
R1
0.09
-
-
S0.20
-
-
Θ10º
8º
Θ2-
12 REF
-
Θ3-
12 REF
-
aaa
-
0.10
-
bbb
-
0.10
-
ccc
-
0.05
-
ddd
-
0.20
-
N16
AS3931
YYWWMZZ
Notes:
1. Dimensioning & tolerancing conform
to ASME Y14.5M-1994.
2. All dimensions are in millimeters.
Angles are in degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com