Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 21 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 21 Page - ams AG

Back Button AS5045_10 Datasheet HTML 17Page - ams AG AS5045_10 Datasheet HTML 18Page - ams AG AS5045_10 Datasheet HTML 19Page - ams AG AS5045_10 Datasheet HTML 20Page - ams AG AS5045_10 Datasheet HTML 21Page - ams AG AS5045_10 Datasheet HTML 22Page - ams AG AS5045_10 Datasheet HTML 23Page - ams AG AS5045_10 Datasheet HTML 24Page - ams AG AS5045_10 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
20 – 33
Figure 12. OTP Programming Connection of AS5045 (shown with AS5045 demoboard)
11.4 Analog Readback Mode
Non-volatile programming (OTP) uses on-chip zener diodes, which become permanently low resistive when
subjected to a specified reverse current.
The quality of the programming process depends on the amount of current that is applied during the programming
process (up to 130mA). This current must be provided by an external voltage source. If this voltage source cannot
provide adequate power, the zener diodes may not be programmed properly.
In order to verify the quality of the programmed bit, an analog level can be read for each zener diode, giving an
indication whether this particular bit was properly programmed or not.
To put the AS5045 in Analog Readback Mode, a digital sequence must be applied to pins CSn, PROG and CLK as
shown in Figure 13. The digital level for this pin depends on the supply configuration (3.3V or 5V; see section 13
3V / 5V Operation).
The second rising edge on CSn (OutpEN) changes pin PROG to a digital output and the log. high signal at pin PROG
must be removed to avoid collision of outputs (grey area in Figure 13).
The following falling slope of CSn changes pin PROG to an analog output, providing a reference voltage Vref, that
must be saved as a reference for the calculation of the subsequent programmed and unprogrammed OTP bits.
Following this step, each rising slope of CLK outputs one bit of data in the reverse order as during programming
(see Figure 10: Md0-MD1-Div0,Div1-Indx-Z0…Z11, ccw).
If a capacitor is connected to pin PROG, it should be removed during analog readback mode to allow a fast readout
rate. If the capacitor is not removed the analog voltage will take longer to stabilize due to the additional capacitance.
The measured analog voltage for each bit must be subtracted from the previously measured Vref, and the resulting
value gives an indication on the quality of the programmed bit: a reading of <100mV indicates a properly
programmed bit and a reading of >1V indicates a properly unprogrammed bit.
A reading between 100mV and 1V indicates a faulty bit, which may result in an undefined digital value, when the
OTP is read at power-up.
Following the 18
th clock (after reading bit “ccw”), the chip must be reset by disconnecting the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com