Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRF1206-R01JW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LRF1206-R01JW
Description  Low Value Flat Chip Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LRF1206-R01JW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LRF1206-R01JW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
04/5/12
04/5/12
18/5/12
AMU
RELEASED
HTC210M
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
DRAWN BY:
SID
AMU
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Fuse Clip
33188_DWG
M10002160
04/05/12
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
18/05/12
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
SID
04/05/12
Dimensions : Millimetres
Feature:
• PC board mounted fuse clip with end stops
Pins shall be capable of direct insertion into a JIG
The base of the clip contacts, the seating plane,
without the need to bend the pins to effect entry
Gauge Tolerances : ±0.02
Plate Thickness : 3.783 to 4.037
Specifications:
Material : Hard brass 30 SWG
Finish
: Pure tin plated 4 to 10 µ inches
Part Number Table
Description
Part Number
Fuse Clip, 20 × 5 mm, PK200
HTC210M
www.element14.com
www.farnell.com
www.newark.com


Similar Part No. - LRF1206-R01JW

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRF1206-R02FPB TTELEC-LRF1206-R02FPB Datasheet
766Kb / 2P
Low Value Flat cChip Resistor
LRF1206-R02FPB TTELEC-LRF1206-R02FPB Datasheet
814Kb / 2P
Low Value Flat Chip Resistor
09.18
LRF1206-R02FT1 TTELEC-LRF1206-R02FT1 Datasheet
766Kb / 2P
Low Value Flat cChip Resistor
LRF1206-R02FT1 TTELEC-LRF1206-R02FT1 Datasheet
814Kb / 2P
Low Value Flat Chip Resistor
09.18
LRF1206-R02FW TTELEC-LRF1206-R02FW Datasheet
766Kb / 2P
Low Value Flat cChip Resistor
More results

Similar Description - LRF1206-R01JW

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR1206-R10FI ETC2-LR1206-R10FI Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR2512-R10FW ETC2-LR2512-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
LRC-LR2010LF-01 TTELEC-LRC-LR2010LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com