Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # OP482ACBZ-R7
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP482ACBZ-R7 Datasheet HTML 5Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 6Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 7Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 8Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 9Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 10Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 11Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 12Page - Analog Devices OP482ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
OP282/OP482
Rev. I | Page 9 of 16
1000
1.0
0.1
100
10
TEMPERATURE (°C)
125
–25
–50
25
0
75
100
VS = ±15V
VCM = 0V
–75
50
Figure 30. OP482 Input Bias Current vs. Temperature
60
55
–75
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VS = ±15V
RL = 10kΩ
GBW
50
45
40
5.0
4.5
4.0
3.5
3.0
ØM
Figure 31. OP482 Phase Margin and Gain Bandwidth Product vs.
Temperature
FREQUENCY (Hz)
10
100
1k
10k
80
0
20
10
40
30
50
60
70
VS = ±15V
TA = 25°C
Figure 32. OP482 Voltage Noise Density vs. Frequency
COMMON-MODE VOLTAGE (V)
15
–15
0
5
10
–10
–5
100
1
1000
0.1
10
VS = ±15V
TA = 25°C
Figure 33. OP482 Input Bias Current vs. Common-Mode Voltage
SUPPLY VOLTAGE (V)
±15
0
±20
±10
±5
1.10
0.90
1.15
0.85
1.00
1.05
0.95
TA = 25°C
Figure 34. OP482 Relative Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
±15
0
±10
±5
±20
–5
0
15
5
10
20
–10
–20
–15
RL = 10kΩ
TA = 25°C
Figure 35. OP482 Output Voltage Swing vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com