Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB360 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OPB360
Description  Slotted Optical Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPB360 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OPB360 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPB360 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 2 of 10
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Part Number Guide — OPB360 / OPB370
OPB 3 X X X X X
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
Lead Spacer Designator:
0 = 0.320” (8.12 mm) lead space
5 = 0.220” (5.59 mm) lead space
Discrete Shell Material:
6 - Covered (apertures not visible), PCB leads
7 - Open (apertures visible), PCB leads
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Part Number Guide — OPB380 / OPB390
OPB 3 X 0 X X X Z
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
RoHS Compliant
Discrete Shell Material:
8 - Covered (apertures not visible), Wires
9 - Open (apertures visible), Wires
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
Optek Assembly
Phototransistor Output Family
OPB 3 X X X
Part Number Guide — OPB355



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com