Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GS Datasheet(PDF) 12 Page - Analog Devices

Part # OP482GS
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GS Datasheet(HTML) 12 Page - Analog Devices

Back Button OP482GS Datasheet HTML 8Page - Analog Devices OP482GS Datasheet HTML 9Page - Analog Devices OP482GS Datasheet HTML 10Page - Analog Devices OP482GS Datasheet HTML 11Page - Analog Devices OP482GS Datasheet HTML 12Page - Analog Devices OP482GS Datasheet HTML 13Page - Analog Devices OP482GS Datasheet HTML 14Page - Analog Devices OP482GS Datasheet HTML 15Page - Analog Devices OP482GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 12 of 16
APPLICATIONS INFORMATION
The OP282 and OP482 are dual and quad JFET op amps that
are optimized for high speed at low power. This combination
makes these amplifiers excellent choices for battery-powered or
low power applications that require above average performance.
Applications benefiting from this performance combination
include telecommunications, geophysical exploration, portable
medical equipment, and navigational instrumentation.
HIGH-SIDE SIGNAL CONDITIONING
Many applications require the sensing of signals near the positive
rail. OP282 and OP482 were tested and are guaranteed over a
common-mode range (−11 V ≤ VCM ≤ +15 V) that includes the
positive supply.
One application where such sensing is commonly used is in the
sensing of power supply currents. Therefore, the OP282/OP482
can be used in current sensing applications, such as the partial
circuit shown in Figure 45. In this circuit, the voltage drop across
a low value resistor, such as the 0.1 Ω shown here, is amplified
and compared to 7.5 V. The output can then be used for current
limiting.
15V
100k
Ω
500k
Ω
0.1
Ω
500k
Ω
100k
Ω
RL
1/2
OP282
Figure 45. High-Side Signal Conditioning
PHASE INVERSION
Most JFET input amplifiers invert the phase of the input signal
if either input exceeds the input common-mode range. For the
OP282/OP482, a negative signal in excess of 11 V causes phase
inversion. This is caused by saturation of the input stage, leading
to the forward-biasing of a gate-drain diode. Phase reversal in
the OP282/OP482 can be prevented by using Schottky diodes to
clamp the input terminals to each other and to the supplies. In
the simple buffer circuit shown in Figure 46, D1 protects the op
amp against phase reversal. R1, D2, and D3 limit the input
current when the input exceeds the supply rail. The resistor
should be selected to limit the amount of input current below
the absolute maximum rating.
D1
IN5711
V+
OP282/
OP482
V+
VOUT
VIN
V–
V–
D2
IN5711
R1
10kΩ
D3
IN5711
Figure 46. Phase Reversal Solution Circuit
TIME (200µs/DIV)
2
VS = ±15V
VIN
VOUT
Figure 47. No Phase Reversal
ACTIVE FILTERS
The wide bandwidth and high slew rates of the OP282/OP482
make either one an excellent choice for many filter applications.
There are many active filter configurations, but the four most
popular configurations are Butterworth, elliptic, Bessel, and
Chebyshev. Each type has a response that is optimized for a
given characteristic, as shown in Table 4.
Table 4. Active Filter Configurations
Type
Selectivity
Overshoot
Phase
Amplitude (Pass Band)
Amplitude (Stop Band)
Butterworth
Moderate
Good
Maximum flat
Chebyshev
Good
Moderate
Nonlinear
Equal ripple
Elliptic
Best
Poor
Equal ripple
Equal ripple
Bessel (Thompson)
Poor
Best
Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com