Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GSZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP482GSZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GSZ Datasheet(HTML) 1 Page - Analog Devices

  OP482GSZ Datasheet HTML 1Page - Analog Devices OP482GSZ Datasheet HTML 2Page - Analog Devices OP482GSZ Datasheet HTML 3Page - Analog Devices OP482GSZ Datasheet HTML 4Page - Analog Devices OP482GSZ Datasheet HTML 5Page - Analog Devices OP482GSZ Datasheet HTML 6Page - Analog Devices OP482GSZ Datasheet HTML 7Page - Analog Devices OP482GSZ Datasheet HTML 8Page - Analog Devices OP482GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual/Quad, Low Power, High Speed
JFET Operational Amplifiers
Data Sheet
OP282/OP482
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1991–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High slew rate: 9 V/µs
Wide bandwidth: 4 MHz
Low supply current: 250 µA/amplifier maximum
Low offset voltage: 3 mV maximum
Low bias current: 100 pA maximum
Fast settling time
Common-mode range includes V+
Unity-gain stable
14-ball wafer level chip scale for quad
APPLICATIONS
Active filters
Fast amplifiers
Integrators
Supply current monitoring
GENERAL DESCRIPTION
The OP282/OP482 dual and quad operational amplifiers feature
excellent speed at exceptionally low supply currents. The slew
rate is typically 9 V/µs with a supply current of less than 250 µA
per amplifier. These unity-gain stable amplifiers have a typical
gain bandwidth of 4 MHz.
The JFET input stage of the OP282/OP482 ensures that the bias
current is typically a few picoamps and is less than 500 pA over
the full temperature range. The offset voltage is less than 3 mV
for the dual amplifier and less than 4 mV for the quad amplifier.
With a wide output swing (within 1.5 V of each supply), low
power consumption, and high slew rate, the OP282/OP482 are
ideal for battery-powered systems or power-restricted applica-
tions. An input common-mode range that includes the positive
supply makes the OP282/OP482 an excellent choice for high-
side signal conditioning.
The OP282/OP482 are specified over the extended industrial
temperature range. The OP282 is available in the standard
8-lead, narrow SOIC and MSOP packages. The OP482 is
available in the PDIP and narrow SOIC packages, as well as
a 14-ball WLCSP.
PIN CONNECTIONS
1
2
3
4
5
6
7
8
OUT A
–IN A
+IN A
V–
OP-482
V+
OUT B
–IN B
+IN B
OP282
Figure 1. 8-Lead, Narrow-Body SOIC (S-Suffix) [R-8]
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP282
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP [RM-8]
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP482
– +
+ –
– +
+ –
Figure 3. 14-Lead PDIP (P-Suffix) [N-14]
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP482
Figure 4. 14-Lead, Narrow-Body SOIC (S-Suffix) [R-14]
TOP VIEW (BALL SIDE DOWN)
Not to Scale
BALL A1 CORNER
OUT A
+IN D
V–
+IN C
OUT C
OUT D
–IN A
V+
–IN B
OUT B
–IN D
+IN A
+IN B
–IN C
A
B
C
D
E
F
1
2
3
G
H
J
Figure 5. 14-Ball WLCSP [CB-14-2]


Similar Part No. - OP482GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP482GSZ AD-OP482GSZ Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
OP482GSZ-REEL AD-OP482GSZ-REEL Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
OP482GSZ-REEL7 AD-OP482GSZ-REEL7 Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
More results

Similar Description - OP482GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP282 AD-OP282 Datasheet
260Kb / 12P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV.B
AD8682 AD-AD8682 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
logo
Texas Instruments
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP282 AD-OP282_04 Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com