Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLO2016 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SLO2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLO2016 Datasheet(HTML) 1 Page - OSRAM GmbH

  SLO2016 Datasheet HTML 1Page - OSRAM GmbH SLO2016 Datasheet HTML 2Page - OSRAM GmbH SLO2016 Datasheet HTML 3Page - OSRAM GmbH SLO2016 Datasheet HTML 4Page - OSRAM GmbH SLO2016 Datasheet HTML 5Page - OSRAM GmbH SLO2016 Datasheet HTML 6Page - OSRAM GmbH SLO2016 Datasheet HTML 7Page - OSRAM GmbH SLO2016 Datasheet HTML 8Page - OSRAM GmbH SLO2016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Lead (Pb) Free Product - RoHS Compliant
Red
SLR2016
Super-red
SLO2016
Green
SLG2016
Yellow
SLY2016
X/Y Stackable 0.180’’ 4-Digit 5x7 Dot Matrix
Alphanumeric Intelligent Display® Devices with Memory/Decoder/Driver
2006-01-23
1
DESCRIPTION
The SLR/SLO/SLG/SLY2016 is a four digit 5 x 7 dot
matrix display module with a built-in CMOS integrated
circuit. This display is X/Y stackable.
The integrated circuit contains memory, a
128 ASCII ROM decoder, multiplexing circuitry and driv-
ers. Data entry is asynchronous. A display system can be
built using any number of SLR/SLO/SLG/SLY2016 since
each digit can be addressed independently and will con-
tinue to display the character last stored until replaced by
another.
System interconnection is very straightforward. Two
address bits (A0, A1) are normally connected to the
like-named inputs of all displays in the system.
Data lines are connected to all SLR/SLO/SLG/SLY2016s
directly and in parallel as is the write line (WR). The dis-
play will then behave as a write-only memory.
The SLR/SLO/SLG/SLY2016 has several features supe-
rior to competitive devices. 100% burn-in processing
insures that the SLR/SLO/SLG/SLY2016 will function in
more stressful assembly and use environments. True
“blanking” allows the designer to dim the display for more
flexibility of display presentation. Finally the CLR clear
function will clear the ASCII character RAM.
The character set consists of 128 special ASCII charac-
ters for English, German, Italian, Swedish, Danish, and
Norwegian.
All products are 100% burned-in and tested, then
subjected to out-going AQL’s of 0.25% for brightness
matching, visual alignment and dimensions, 0.065% for
electrical and functional.
FEATURES
Very Close Multi-line Spacing, 0.4" Centers
•4.72 mm (0.180") 5 x 7 Dot Matrix Characters
128 Special ASCII Characters for English,
German, Italian, Swedish, Danish, and
Norwegian Languages
Wide Viewing Angle: X axis 50° Maximum,
Y Axis ± 75° Maximum
Fast Access Time, 110 ns at 25°C
Full Size Display for Stationary Equipment
Built-in Memory
Built-in Character Generator
Built-in Multiplex and LED Drive Circuitry
Direct Access to Each Digit Independently and Asyn-
chronously
Clear Function that Clears Character Memory
True Blanking for Intensity Dimming Applications
End-stackable, 4-Character Package
Intensity Coded for Display Uniformity
Extended Operating Temperature Range:
- 40°C to +85°C
Superior ESD Immunity
100% Burned-in and Tested
Wave Solderable
TTL Compatible over Operating Temperature Range
See Appnotes 18, 19, 22, and 23 at www.osram-os.com
for additional information.


Similar Part No. - SLO2016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
More results

Similar Description - SLO2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR2416 SIEMENS-DLR2416 Datasheet
214Kb / 7P
4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
MPD2545 SIEMENS-MPD2545 Datasheet
438Kb / 10P
25 4-character, 5x7 dot matrix, X-Y stackable, HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com