Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-56VC Datasheet(PDF) 1 Page - Rohm

Part # SLR-56VC
Description  Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-56VC Datasheet(HTML) 1 Page - Rohm

  SLR-56VC Datasheet HTML 1Page - Rohm SLR-56VC Datasheet HTML 2Page - Rohm SLR-56VC Datasheet HTML 3Page - Rohm SLR-56VC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(μA) V
R
(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
■ SLR-56VC
GaAsP
on GaP
Red
60
20
60*
3
-25 to +85
-30 to +100
2
10
10
3
630
10
9
25
10
■ SLR-56DC
Orange
605
■ SLR-56YC
Yellow
2.1
587
■ SLR-56MC
GaP
Yellowish
Green
75
25
572
14
40
■ SLR-56VR
GaAsP
on GaP
Red
60
20
2
630
3.6
10
■ SLR-56DU
Orange
605
■ SLR-56YY
Yellow
2.1
587
5.6
16
■ SLR-56MG
GaP
Yellowish
Green
75
25
572
Viewing angle 2θ 1/2 /
40 : Standard
*:Duty1/5, 200Hz
SLR-56 Series
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Directivity (deg)
RELATIVE INTENSITY (%)
Diffused
Clear
Specifications
□0.5
5.5
(2.5)
φ5.0
Cathode
Tolerance : ±0.2
(unit : mm)
Dimensions
2.5 or 5.0
2.0
1.0 ±0.1
(unit : mm)
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
SLR-56 Series
Color
Type
V
D
Y
M
1/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC ROHM-SLR-56VC Datasheet
152Kb / 3P
phi5.0(T-1 3/4) Circular Type Standard Type
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
SLR-56 Series
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLR-56VC ROHM-SLR-56VC Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results

Similar Description - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
R1172H RICOH-R1172H Datasheet
30Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
logo
Samsung semiconductor
K9KAG08U0M-PCB0000 SAMSUNG-K9KAG08U0M-PCB0000 Datasheet
115Kb / 1P
sheet of this product is either in preparation or is not effective yet. For more details about product specifications or technical files, please inquire through Contact us
logo
List of Unclassifed Man...
B10-029-266-032 ETC2-B10-029-266-032 Datasheet
50Kb / 2P
FOR MORE INFORMATION PLEASE
logo
Infineon Technologies A...
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
Dedicated Data Sheets are available for the different product variants
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
Thank you for purchasing the Silicon Laboratories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com