Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS9410 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS9410
Description  8 Channel, 12 Bit Data Acquisition System With 關P Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9410 Datasheet(HTML) 2 Page - API Technologies Corp

  HS9410 Datasheet HTML 1Page - API Technologies Corp HS9410 Datasheet HTML 2Page - API Technologies Corp HS9410 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIO N S
(Typical@ +25ºC with VCC = + VEE = –15 V.VLOGIC = + 5V, unless otherwise specified)
M ODEL
HS 941XJ
HS 941XK
HS 941XS
HS941XT
TRA NSFER CHA RA CTERISTICS
Resolution
12-Bits
Number of Channels
8 Single-Ended
Throughput Rate
25 kHz
A NA LOG INPUTS
Input Ranges1 (Specified as a sullix in the model number. See Ordering Guide.)
HS9410
0 to +10V
HS9411
±5V
HS9412
±10V
Input Bias Current per Channel
IIB25ºC
±10 nA typ
-55ºCto +125ºC
± 250nA max
Input Impedance
ON Channel
1010 II 100pf
OFF Channel
1010 II 10pf
DIGITA L INPUTS
Logic Inputs
R/C.A 0
V IH min
+2.4V
V IH max
+5.5V
V IL max
+0.8V
V IL min
–0.5V
IIL max
±5µA max
IIL max
±5µA max
M ultiplexer inputs
V max
+0.8V
V ILmin
+4.0V
+4.0V 2
+4.0V 2
Input Capacitance (A ll Digital Inputs)
5pF typ
M inimum Start Pulse
R/C-Negative
50ns
SIGNA L DY NA M ICS
Conversion Time
12-Bit Conversion
25µs max
8-Bit Conversion
9µs max
DIGITA L OUTPUTS
Logic Outputs
DB11-DB0. STS
Logic 0
+0.4V max. IOL 1.6mA
Logic 1
+2.4V min. IOH 0.5mA
Leakage (High 2 Slate)
±5µA typ (DB11 DB0 only)
Capacitance
5pF typ
Output Code Configuration
Unipolar
Positive True Binary
Bipolar
Positive True Offset Binary
POW ER SUPPLY
V LOGIC
+4.5 to +5.5 V olts@11mA max
V CC
+13.5 to +16.5 V olts@35mA max
V EE
–13.5 to –16.5 V olts@15mA max
Power Dissipation
700mW typ.,1W max.
700mW typ.,1W max.
700mW typ.,1W max.
Rejection3
V LOGIC
0.002% /% lyp. 0 005% /% max
V CC
0.002% /% lyp. 0 005% /% max
V EE
0.002% /% lyp. 0 005% /% max
A CCURA CY
Linearity Error (% of F.S.R. max)
±0.025
±0.012
±0.025
±0.012
Offset4
Unpolar (% of F.S.R. max)
±0.05
Bipolar (% of F.S.R. max)
±0.25
±0.01
±0.25
±0.01
Gain4 (% of F.S.R. max)
±0.3
HS9410 SERIES
Continued on next page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com