Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3860 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS3860
Description  12-Bit DAC with Input Registers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS3860 Datasheet(HTML) 2 Page - API Technologies Corp

  HS3860 Datasheet HTML 1Page - API Technologies Corp HS3860 Datasheet HTML 2Page - API Technologies Corp HS3860 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M ECHA NICA L
Case Style
24 Pin DIP. Ceramic
NOTES
1. The analog output follows the digital input when Register Enable is a
logic “ 0” . The analog output is constant when the Register
Enable is a logic “ 1” .
2. SatCon guarantees and tests maximum Linearity Error at the
extremes of the operating temperature and at room temperature. ±1/2
LSB Linearity Error guarantees monotonicity and differential linearity
of ±1 LSB.
3. One LSB is 0.024% F.S.R. for a 12 bit DA C.
4. F.S.R. is Full Scale Range. For the ± 10V output range the F.S.R. is 20 volts
and 1 LSB is 4.88mV .
5. A bsolute A ccuracy Error includes linearity, gain, offset and all other errors
and is specified without the use of adjustments.
6. Commercial M odels are specified over a temperature range of 0ºCto+70ºC.
SPECIFICATIO N S
(Typical for all models @ +25ºC and nominal power supplies unless otherwise noted)
M ODEL
HS3860
TY PE
Digital to A nalog Converter
DIGITA L INPUTS
Resolution
12 bits
Coding
Complementary Binary/
Offset Binary
Logic Levels (Data Inputs)
Logic “ 1” (30µA max)
+2V min. +5.5V max
Logic “ 0” (-0.6mA max)
-0.5V min, +0.7V max
Register Enable Logic1
Logic “ 1” (60µA max)
+2V min, +5.5V max
Logic “ 0” (-1.2mA max)
-0.5V min, +0.7V max
Pulse W idth
60nS min
Set up Time
40nS min
A NA LOG OUTPUT
Output V oltage Ranges
0 to +10; ±5; ±10
Output Impedance
0.05 typ
Output Current
±5mA
Short Circuit Duration
Indefinite to Common
A CCURA CY
Linearity Error2, 3
0ºCto+70ºC
±1/4 LSBtyp;±1/2 LSBmax
-55ºCto+125ºC
±1/2 LSB max
M onotonicity
Guaranteed Over
Temperature
Full Scale A bsolute Error4,5
+25º C
±0.05% F.S.R. typ;
±0.1% F.S.R. max
-55ºCto+125ºC6
±0.15% F.S.R. typ;
±0.3% F.S.R. max
Zero Error4,5
25ºC
±0.025% F.S.R. typ;
±0.05% F.S.R. max
-55ºCto 125ºC6
±0.05% F.S.R. typ;
±0.1% F.S.R. max
Gain Error
±0.1%
Gain Drift
±10ppm/ºC
CONV ERSION SPEED
Settling Time
20V Step
5µS typ; 7µS max
10V Step
3µS typ; 5µS max
Output Slew Rate
20 volts/µS typ
REFERENCE OUTPUT
V oltage
6.3 volts ±5%
Tempco
± 10ppm/ºC
Load Current
100µA max
POW ER SUPPLIES
Power Supply Range
+15V Supply
+14V to +18V
–15V Supply
–14V to –18V
+5V Supply
+4V to +7V
Power Supply Rejection
+15V (from+14.55 to
+15.45V )
–0.01% F.S.R./% typ;
±0.04% F.S.R./% max
–15V (from -14.55 to
–15.45V )
±0.001% F.S.R./% typ;
±0.004% F.S.R./% max
Current Drain
+15V Supply
25mA max
–15V Supply
25mA max
+5V Supply
50mA max
Power Consumption
675mW typ, 1000mW max
PIN
FUNCTION PIN FUNCTION
1
Bit 1
24
REF OUT
2
Bit 2
23
-Full Scale A djust (Gain Adj)
3
Bit 3
22
+15V
4
Bit 4
21
Common
5
Bit 5
20
Summing Junction
6
Bit 6
19
Register Enable
7
Bit 7
18
10V Range
8
Bit 8
17
Bipolar Offset
9
Bit 9
16
REF IN
10
Bit 10
15
A nalog Output
11
Bit 11
14
-15V
12
Bit 12
13
+5V
0.018 ±0.002
(0.46 ±0.05)
0.010 +0.002 – 0.001
(0.25 + 0.005 – 0.003)
1.310
(33.274)
M A X
0.800
(20.321)
M A X
0.165
(4.191)
M A X
0.600 ±0.010
(15.24 ±0.25)
0.025 ±0.010
(0.64 ±0.25)
0.800
(20.321)
0.205
(5.21)
M IN
DIM ENSIONS
inches
(mm)
0.100 ±0.005
(2.54 ±0.13)
TY P
PIN (1) INDEX
12
1
13
24
PIN DESIGNA TIONS
HS3860
Continued on next page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com