Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73607 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 73607
Description  ESD Statshield Protective Smocks Grounding, Testing and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73607 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  73607 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73607 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73607 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73607 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESD protective smocks are available in the following styles and sizes:
LAB COATS WITH SNAPS
LAB COATS WITH CUFFS
Blue
White
Teal
Chest
Sleeve
Blue
White
Teal
Chest
Sleeve
X Small
73600
73620
73640
30"-32" 33 3/8"
X Small
73610
73630
73650
30"-32" 33 3/4"
Small
73601
73621
73641
34"-36" 34"
Small
73611
73631
73651
34"-36" 34"
Medium
73602
73622
73642
38"-40" 34 3/8"
Medium
73612
73632
73652
38"-40" 34 3/8"
Large
73603
73623
73643
42"-44" 35"
Large
73613
73633
73653
42"-44" 35"
X Large
73604
73624
73644
46"-48" 35 1/2"
X Large
73614
73634
73654
46"-48" 35 1/2"
2X Large
73605
73625
73645
50"-52" 35 1/2"
2X Large
73615
73635
73655
50"-52" 35 1/2"
3X Large
73606
73626
73646
54"-56" 37 1/2"
3X Large
73616
73636
73656
54"-56" 37 1/2"
4X Large
73607
73627
73647
58"-60" 36 1/2"
4X Large
73617
73637
73657
58"-60" 36 1/2"
5X Large
73608
73628
73648
62"-64" 36"
5X Large
73618
73638
73658
62"-64" 36"
6X Large
73609
73629
73649
66"-68" 36"
6X Large
73619
73639
73659
66"-68" 36"
JACKETS WITH SNAPS
Blue
White
Teal
Chest
Sleeve
X Small
73699
73820
73840
30"-32" 33 3/8"
Small
73700
73821
73841
34"-36" 34"
Medium
73710
73822
73842
38"-40" 34 3/8"
Large
73720
73823
73843
42"-44" 35"
X Large
73730
73824
73844
46"-48" 35 1/2"
2X Large
73740
73825
73845
50"-52" 35 1/2"
3X Large
73741
73826
73846
54"-56" 37 1/2"
4X Large
73742
73827
73847
58"-60" 36 1/2"
5X Large
73743
73828
73848
62"-64" 36"
6X Large
73744
73829
73849
66"-68" 36"
JACKETS WITH CUFFS
Blue
White
Teal
Burgundy Black
Camo
Chest
Sleeve
X Small
73749
73830
73850
73900
73860
73870
30"-32"
33 3/4"
Small
73750
73831
73851
73901
73861
73871
34"-36"
34"
Medium
73755
73832
73852
73902
73862
73872
38"-40"
34 3/8"
Large
73760
73833
73853
73903
73863
73873
42"-44"
35"
X Large
73765
73834
73854
73904
73864
73874
46"-48"
35 1/2"
2X Large
73770
73835
73855
73905
73865
73875
50"-52"
35 1/2"
3X Large
73771
73836
73856
73906
73866
73876
54"-56"
37 1/2"
4X Large
73772
73837
73857
73907
73867
73877
58"-60"
36 1/2"
5X Large
73773
73838
73858
73908
73868
73878
62"-64"
36"
6X Large
73774
73839
73859
73909
73869
73879
66"-68"
36"
TB-2055 Page 2 of 4
© 2011 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178 • Fax (909) 627-7449
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Fax (781) 575-0172 • Web Site: Desco.com
Note: Black & Camo Jackets with Cuffs
contain a Badge Holder Tab and Two
Sleeve Pen Pockets.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com