Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC162 Datasheet(PDF) 10 Page - Texas Instruments

Part # CD54HC162
Description  BCD SYNCHRONOUS DECADE COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC162 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD54HC162 Datasheet HTML 6Page - Texas Instruments CD54HC162 Datasheet HTML 7Page - Texas Instruments CD54HC162 Datasheet HTML 8Page - Texas Instruments CD54HC162 Datasheet HTML 9Page - Texas Instruments CD54HC162 Datasheet HTML 10Page - Texas Instruments CD54HC162 Datasheet HTML 11Page - Texas Instruments CD54HC162 Datasheet HTML 12Page - Texas Instruments CD54HC162 Datasheet HTML 13Page - Texas Instruments CD54HC162 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC = 6 V
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
CD54HC160
CD54HC162
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
MAX
MIN
MAX
tPLH
CLK
RCO
CL =50 pF
31
48
ns
tPHL
CLK
RCO
CL = 50 pF
31
48
ns
tPLH
CLK
Q
CL =50 pF
31
48
ns
tPHL
CLK
Q
CL = 50 pF
31
48
ns
tPLH
ENT
RCO
CL =50 pF
20
31
ns
tPHL
ENT
RCO
CL = 50 pF
20
31
ns
tPHL
CLR
Q (’160 only)
CL =50 pF
36
54
ns
tPHL
CLR
RCO (’160 only)
CL = 50 pF
36
54
ns
tTLH
CL =50 pF
13
19
ns
tTHL
CL = 50 pF
13
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com