Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT157 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT157
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT157 Datasheet HTML 1Page - Texas Instruments CD74ACT157 Datasheet HTML 2Page - Texas Instruments CD74ACT157 Datasheet HTML 3Page - Texas Instruments CD74ACT157 Datasheet HTML 4Page - Texas Instruments CD74ACT157 Datasheet HTML 5Page - Texas Instruments CD74ACT157 Datasheet HTML 6Page - Texas Instruments CD74ACT157 Datasheet HTML 7Page - Texas Instruments CD74ACT157 Datasheet HTML 8Page - Texas Instruments CD74ACT157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CD74ACT157
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCHS340B − MARCH 2003 - REVISED JUNE 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
−55
°C to
125
°C
−40
°C to
85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Any Y
2.4
9.5
2.5
8.6
ns
tPHL
A or B
Any Y
2.4
9.5
2.5
8.6
ns
tPLH
A/B
Any Y
3.6
14.5
3.8
13.2
ns
tPHL
A/B
Any Y
3.6
14.5
3.8
13.2
ns
tPLH
G
Any Y
3.4
13.5
3.6
12.3
ns
tPHL
G
Any Y
3.4
13.5
3.6
12.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
156
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com