Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC14 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC14
Description  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC14 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC14 Datasheet HTML 1Page - Texas Instruments CD54HC14 Datasheet HTML 2Page - Texas Instruments CD54HC14 Datasheet HTML 3Page - Texas Instruments CD54HC14 Datasheet HTML 4Page - Texas Instruments CD54HC14 Datasheet HTML 5Page - Texas Instruments CD54HC14 Datasheet HTML 6Page - Texas Instruments CD54HC14 Datasheet HTML 7Page - Texas Instruments CD54HC14 Datasheet HTML 8Page - Texas Instruments CD54HC14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUT (A)
OUTPUT (Y)
LH
HL
H= High Level
L= Low Level
1A
2A
4A
5A
6A
1
3
5
9
11
13
2
4
6
8
1Y
4Y
5Y
3Y
2Y
10
12
6Y
3A
GND = 7
VCC = 14
FIGURE 3. HYSTERESIS DEFINITION, CHARACTERISTIC, AND TEST SETUP
nA
nY
VO
VH
VT-VT+
VI
VH = VT+ - VT-
VCC
VI
GND
VCC
VO
GND
VT+VT-
VH
CD54HC14, CD74HC14, CD54HCT14, CD74HCT14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com